![]() |
Electronic Components Datasheet Search |
|
NCP1608 Datasheet(PDF) 20 Page - ON Semiconductor |
|
|
NCP1608 Datasheet(HTML) 20 Page - ON Semiconductor |
20 / 24 page ![]() NCP1608 http://onsemi.com 20 3. FPP Protection: The FB pin is floating. RFB pulls down the FB voltage below VUVP. The UVP comparator detects an UVP fault and the drive and error amplifier are disabled. UVP and OVP protect the system from low bulk voltages and rapid operating point changes respectively, while FPP protects the system against floating feedback pin conditions. If FPP is not implemented and a manufacturing error causes the FB pin to float, then VFB is dependent on the coupling within the system and the surrounding environment. The coupled VFB may be within the regulation limits (i.e. VUVP < VFB < VREF) and cause the controller to deliver excessive power. The result is that Vout increases until a component fails due to the voltage stress. Figure 44. Open Feedback Loop Protection FB Control E/A + − UVP Fault (Enable EA) + − + − OVP Condition 1 Condition 2 Condition 3 Vout Cbulk Rout1 Rout2 CCOMP VEAH Clamp RFB VREF VUVP VOVP POK gm VControl Overcurrent Protection (OCP) The dedicated CS pin of the NCP1608 senses the inductor peak current and limits the driver on time if the voltage of the CS pin exceeds VILIM. The maximum inductor peak current is programmed by adjusting Rsense. The inductor peak current is calculated using Equation 18: IL(peak) + VILIM Rsense (eq. 18) An internal LEB filter (Figure 45) reduces the probability of switching noise inadvertently triggering the overcurrent limit. This filter blanks out the CS signal for a duration of tLEB. If additional filtering is necessary, a small RC filter is connected between Rsense and the CS pin. Figure 45. OCP Circuitry with Optional External RC Filter CS + − OCP LEB DRV optional Rsense VILIM Shutdown Mode The NCP1608 enables the user to set the controller in a standby mode of operation. To shutdown the controller, the FB pin is forced to less than VUVP. When using the FB pin for shutdown (Figure 46), the designer must ensure that no significant leakage current exists in the shutdown circuitry. Any leakage current affects the output voltage regulation. Figure 46. Shutting Down the PFC Stage 1 4 3 2 8 5 6 7 NCP1608 Shutdown Rout2 Rout1 Vout |
Similar Part No. - NCP1608_10 |
|
Similar Description - NCP1608_10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |