Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1608 Datasheet(PDF) 19 Page - ON Semiconductor

Part # NCP1608
Description  Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1608 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button NCP1608_10 Datasheet HTML 15Page - ON Semiconductor NCP1608_10 Datasheet HTML 16Page - ON Semiconductor NCP1608_10 Datasheet HTML 17Page - ON Semiconductor NCP1608_10 Datasheet HTML 18Page - ON Semiconductor NCP1608_10 Datasheet HTML 19Page - ON Semiconductor NCP1608_10 Datasheet HTML 20Page - ON Semiconductor NCP1608_10 Datasheet HTML 21Page - ON Semiconductor NCP1608_10 Datasheet HTML 22Page - ON Semiconductor NCP1608_10 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
NCP1608
http://onsemi.com
19
Overvoltage Protection (OVP)
The low bandwidth of the feedback network causes
active PFC stages to react to changes in output load or input
voltages slowly. Consequently, there is a risk of overshoots
during startup, load steps, and line steps. For reliable
operation, it is critical that overvoltage protection (OVP)
prevents the output voltage from exceeding the ratings of
the PFC stage components. The NCP1608 detects
excessive output voltages and disables the driver until Vout
decreases to a safe level, which ensures that Vout is within
the PFC stage component ratings. An internal comparator
connected to the FB pin provides the OVP protection. The
OVP detection voltage is calculated using Equation 13:
Vout(OVP) +
VOVP
VREF
@ VREF @ Rout1 @
Rout2 ) RFB
Rout2 @ RFB
) 1
(eq. 13)
Where VOVP/VREF is the OVP detection threshold.
The value of Cbulk is sized to ensure that OVP is not
inadvertently triggered by the 100 Hz or 120 Hz ripple of
Vout. The minimum value of Cbulk is calculated using
Equation 14:
Cbulk w
Pout
2 @ p @ Vripple(peak−peak) @ fline @ Vout
(eq. 14)
Where Vripple(peak-peak) is the peak−to−peak output voltage
ripple and fline is the ac line frequency.
Vripple(peak-peak) is calculated using Equation 15:
Vripple(peak−peak) t 2 @ Vout(OVP) * Vout
(eq. 15)
The OVP logic includes hysteresis (VOVP(HYS)) to
ensure that Vout has sufficient time to discharge before the
NCP1608 attempts to restart and to ensure noise immunity.
The output voltage at which the NCP1608 attempts a restart
(Vout(OVPL)) is calculated using Equation 16:
Vout(OVPL) +
VOVP
VREF
@ VREF * VOVP(HYS) @ Rout1 @
Rout2 ) RFB
Rout2 @ RFB
) 1
(eq. 16)
Figure 43 depicts the operation of the OVP circuitry.
Figure 43. OVP Operation
OVP Fault
DRV
Vout(OVPL)
Vout(OVP)
Vout
Undervoltage Protection (UVP)
When the input voltage is applied to the PFC stage, Vout
is forced to equate to the peak of the line voltage. The
NCP1608 detects an undervoltage fault if Vout is unusually
low, such that VFB is less than VUVP . During an UVP fault,
the drive and error amplifier are disabled. The UVP feature
protects the system if there is a disconnection in the power
path to Cbulk (i.e. Cbulk is unable to charge) or if Rout1 is
disconnected.
The output voltage that causes an UVP fault is calculated
using Equation 17:
Vout(UVP) + VUVP @ Rout1 @
Rout2 ) RFB
Rout2 @ RFB
) 1
(eq. 17)
Open Feedback Loop Protection
The NCP1608 features comprehensive protection
against open feedback loop conditions by including OVP,
UVP, and FPP. Figure 44 illustrates three conditions in
which the feedback loop is open. The corresponding
number below describes each condition shown in
Figure 44.
1. UVP Protection: The connection from Rout1 to
the FB pin is open. Rout2 pulls down the FB pin
to ground. The UVP comparator detects an UVP
fault and the drive and error amplifier are
disabled.
2. OVP Protection: The connection from Rout2 to
the FB pin is open. Rout1 pulls up the FB pin to
Vout. The ESD diode clamps the FB voltage to
10 V and Rout1 limits the current into the FB pin.
The OVP comparator detects an OVP fault and
the drive is disabled.


Similar Part No. - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
More results

Similar Description - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608 Datasheet
251Kb / 24P
Critical Conduction Mode PFC Controller Utilizing OTA
April, 2009 ??Rev. 0
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608BOOSTGEVB ONSEMI-NCP1608BOOSTGEVB Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com