Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1608 Datasheet(PDF) 18 Page - ON Semiconductor

Part # NCP1608
Description  Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1608 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button NCP1608_10 Datasheet HTML 14Page - ON Semiconductor NCP1608_10 Datasheet HTML 15Page - ON Semiconductor NCP1608_10 Datasheet HTML 16Page - ON Semiconductor NCP1608_10 Datasheet HTML 17Page - ON Semiconductor NCP1608_10 Datasheet HTML 18Page - ON Semiconductor NCP1608_10 Datasheet HTML 19Page - ON Semiconductor NCP1608_10 Datasheet HTML 20Page - ON Semiconductor NCP1608_10 Datasheet HTML 21Page - ON Semiconductor NCP1608_10 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
NCP1608
http://onsemi.com
18
Figure 40. NCP1608 Supplied by a Downstream SMPS Controller (NCP1230)
1
7
6
5
2
3
4
NCP1608
+
+
+
+
1
7
6
5
2
3
4
NCP1230
PFC(Vcc)
88
+
D
Cbulk
VCC
+
Soft Start
When VCC exceeds VCC(on), tstart begins counting. When
tstart expires, the error amplifier is enabled and begins
charging the compensation network. The drive is enabled
when VControl exceeds Ct(offset). The charging of the
compensation network slowly increases the drive on time
from the minimum time (tPWM) to the steady state on time.
This creates a natural soft start mode that reduces the stress
of the power components (Figure 41).
Output Driver
The NCP1608 includes a powerful output driver capable
of sourcing 500 mA and sinking 800 mA. This enables the
controller to drive power MOSFETs efficiently for medium
power (
≤ 350 W) applications. Additionally, the driver
stage provides both passive and active pull−down circuits
(Figure 42). The pull−down circuits force the driver output
to a voltage less than the turn−on threshold voltage of a
power MOSFET when VCC(on) is not reached.
Figure 41. Startup Timing Diagram Showing the
Natural Soft Start of the Control Pin
FB
Control
Natural Soft Start
VCC(on)
VCC(off)
VCC
Iswitch
VREF
Ct(offset)
Vout
tstart
Figure 42. Output Driver Stage and Pull−Down Circuits
UVLO
DRV
GND
+
DRV IN
UVLO
VCC
VDD REG
VDD
VddGD
mVDD


Similar Part No. - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
More results

Similar Description - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608 Datasheet
251Kb / 24P
Critical Conduction Mode PFC Controller Utilizing OTA
April, 2009 ??Rev. 0
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608BOOSTGEVB ONSEMI-NCP1608BOOSTGEVB Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com