Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1608 Datasheet(PDF) 17 Page - ON Semiconductor

Part # NCP1608
Description  Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1608 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button NCP1608_10 Datasheet HTML 13Page - ON Semiconductor NCP1608_10 Datasheet HTML 14Page - ON Semiconductor NCP1608_10 Datasheet HTML 15Page - ON Semiconductor NCP1608_10 Datasheet HTML 16Page - ON Semiconductor NCP1608_10 Datasheet HTML 17Page - ON Semiconductor NCP1608_10 Datasheet HTML 18Page - ON Semiconductor NCP1608_10 Datasheet HTML 19Page - ON Semiconductor NCP1608_10 Datasheet HTML 20Page - ON Semiconductor NCP1608_10 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
NCP1608
http://onsemi.com
17
Figure 37. Ct Pin Noise Induced On Time
Reduction and Pulse Skipping
Noise Induced Voltage Spike
DRV Remains Off
DRV
is Not Exceeded
0 V
ton
tstart
ton(loop)
VCL(NEG)
VZCD(TRIG)
VZCD
VZCD(ARM)
VZCD(ARM)
VCt(off)
VCt
VControl
Ct(offset)
Low VControl Voltage
Low VCt(off) Voltage
VControl − Ct(offset)
The wide control range of the NCP1608 increases
VControl and VCt(off) in comparison to devices with less
control range. Figure 38 compares VCt(off) of the NCP1608
to a device with a 3 V control range for an application with
the following parameters:
Pout = 250 W
L = 200
mH
h = 92%
VacLL = 85 Vac
VacHL = 265 Vac
Figure 38 shows that VCt(off) of the NCP1608 is 50%
larger than the 3 V control range device. The 50% increase
enables the NCP1608 to prevent inadvertent skipping at
high input voltages and high output power.
Pout, OUTPUT POWER (W)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
25
75
125
175
225
275
Figure 38. Comparison of Ct Charging Threshold
vs. Output Power
NCP1608
Vin = 265 Vac
3 V Control
Range
Startup
Generally, a resistor connected between the rectified ac
line and VCC charges the VCC capacitor to VCC(on). The low
startup current consumption (< 35
mA) enables minimized
standby power dissipation and reduced startup durations.
When VCC exceeds VCC(on), the internal references and
logic of the NCP1608 are enabled. The controller includes
an undervoltage lockout (UVLO) feature that ensures that
the NCP1608 is enabled until VCC decreases to less than
VCC(off). This hysteresis ensures sufficient time for the
auxiliary winding to supply VCC (Figure 39).
Figure 39. Typical VCC Startup Waveform
VCC
VCC(on)
VCC(off)
When the PFC pre-converter is loaded by a switch−mode
power supply (SMPS), it is generally preferable for the
SMPS controller to startup first. The SMPS then supplies
the NCP1608 VCC. Advanced controllers, such as the
NCP1230 or NCP1381, control the enabling of the PFC
stage (see Figure 40) and achieve optimal system
performance. This sequence eliminates the startup resistors
and improves the standby power dissipation of the system.


Similar Part No. - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
More results

Similar Description - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608 Datasheet
251Kb / 24P
Critical Conduction Mode PFC Controller Utilizing OTA
April, 2009 ??Rev. 0
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608BOOSTGEVB ONSEMI-NCP1608BOOSTGEVB Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com