Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1608 Datasheet(PDF) 16 Page - ON Semiconductor

Part # NCP1608
Description  Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1608 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button NCP1608_10 Datasheet HTML 12Page - ON Semiconductor NCP1608_10 Datasheet HTML 13Page - ON Semiconductor NCP1608_10 Datasheet HTML 14Page - ON Semiconductor NCP1608_10 Datasheet HTML 15Page - ON Semiconductor NCP1608_10 Datasheet HTML 16Page - ON Semiconductor NCP1608_10 Datasheet HTML 17Page - ON Semiconductor NCP1608_10 Datasheet HTML 18Page - ON Semiconductor NCP1608_10 Datasheet HTML 19Page - ON Semiconductor NCP1608_10 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
NCP1608
http://onsemi.com
16
During the delay caused by RZCD and the ZCD pin capacitance, the equivalent drain capacitance (CEQ(drain)) discharges
through the path shown in Figure 35.
Figure 35. Equivalent Drain Capacitance Discharge Path
+
AC Line
EMI
Filter
+
D
L
Iin
Cin
IL
Cbulk
Vout
CEQ(drain)
CEQ(drain) is the combined parasitic capacitances of the
MOSFET, the diode, and the inductor. Cin is charged by the
energy discharged by CEQ(drain). The charging of Cin
reverse biases the bridge rectifier and causes the input
current (Iin) to decrease to zero. The zero input current
causes THD to increase. To reduce THD, the ratio (tz / TSW)
is minimized, where tZ is the period from when IL = 0 A to
when the drive turns on. The ratio (tz / TSW) is inversely
proportional to the square root of L.
During startup, there is no energy in the ZCD winding
and no voltage signal to activate the ZCD comparators.
This means that the drive never turns on. To enable the PFC
stage to start under these conditions, an internal watchdog
timer (tstart) is integrated into the controller. This timer
turns the drive on if the drive has been off for more than
165
ms (typical value). This feature is deactivated during a
fault mode (OVP or UVP), and reactivated when the fault
is removed.
Wide Control Range
The Ct charging threshold (VCt(off)) decreases as the
output power is decreased from the maximum output
power to the minimum output power in the application. In
high power applications (>150 W), VControl is reduced to
a low voltage at a large output power and Ct(offset) remains
constant. The result is that VCt(off) is reduced to a low
voltage at a large output power. The low VControl and
VCt(off) voltages are susceptible to noise. The large output
power combined with the low VControl and VCt(off) increase
the probability of noise interfering with the control signals
and on time duration (Figures 36 and 37). The noise induces
voltage spikes on the Control pin and Ct pin that reduces the
drive on time from the on time determined by the feedback
loop (ton(loop)). The reduced on time causes the energy
stored in the inductor (L) to be reduced. The result is that
VZCD does not exceed VZCD(ARM) and the drive remains off
until tstart expires. This sequence results in pulse skipping
and reduced power factor.
Figure 36. Control Pin Noise Induced On Time
Reduction and Pulse Skipping
DRV Remains Off
DRV
is Not Exceeded
0 V
Noise Induced Voltage Spike
tstart
ton
ton(loop)
VZCD(ARM)
Low VControl Voltage
Low VCt(off) Voltage
VControl − Ct(offset)
VControl
Ct(offset)
VCt
VCt(off)
VZCD
VZCD(ARM)
VZCD(TRIG)
VCL(NEG)


Similar Part No. - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
More results

Similar Description - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608 Datasheet
251Kb / 24P
Critical Conduction Mode PFC Controller Utilizing OTA
April, 2009 ??Rev. 0
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608BOOSTGEVB ONSEMI-NCP1608BOOSTGEVB Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com