Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1608 Datasheet(PDF) 15 Page - ON Semiconductor

Part # NCP1608
Description  Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1608 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button NCP1608_10 Datasheet HTML 11Page - ON Semiconductor NCP1608_10 Datasheet HTML 12Page - ON Semiconductor NCP1608_10 Datasheet HTML 13Page - ON Semiconductor NCP1608_10 Datasheet HTML 14Page - ON Semiconductor NCP1608_10 Datasheet HTML 15Page - ON Semiconductor NCP1608_10 Datasheet HTML 16Page - ON Semiconductor NCP1608_10 Datasheet HTML 17Page - ON Semiconductor NCP1608_10 Datasheet HTML 18Page - ON Semiconductor NCP1608_10 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
NCP1608
http://onsemi.com
15
Figure 33. Implementation of the ZCD Block
ZCD
+
Demag
+
Reset
Dominant
Latch
R
Q
S
DRIVE
ZCD Clamp
RZCD
Vin
NZCD
NB
Rsense
VZCD(ARM)
VZCD(TRIG)
Q
This sequence achieves CrM operation. The maximum
VZCD(ARM) sets the maximum turns ratio and is calculated
using Equation 11:
NB :NZCD v
Vout * 2 @ VacHL
VZCD(ARM)
(eq. 11)
Where VacHL is the maximum rms input voltage and
VZCD(ARM) = 1.55 V (maximum value).
The NCP1608 prevents excessive voltages on the ZCD
pin by clamping VZCD. When the ZCD winding is negative,
the ZCD pin is internally clamped to VCL(NEG). Similarly,
when the ZCD winding is positive, the ZCD pin is
internally clamped to VCL(POS). A resistor (RZCD in
Figure 33) is necessary to limit the current into the ZCD
pin. The maximum ZCD pin current (IZCD(MAX)) is limited
to less than 10 mA. RZCD is calculated using Equation 12:
RZCD w
2 @ VacHL
IZCD(MAX) @ (NB :NZCD)
(eq. 12)
The value of RZCD and the parasitic capacitance of the
ZCD pin determine when the ZCD winding signal is
detected and the drive turn on begins. A large RZCD value
creates a long delay before detecting the ZCD event. In this
case, the controller operates in DCM and the power factor
is reduced. If the RZCD value is too small, the drive turns
on when the drain voltage is high and efficiency is reduced.
A popular strategy for selecting RZCD is to use the RZCD
value that achieves minimum drain voltage turn on. This
value is found experimentally. Figure 34 shows the realistic
waveforms for CrM operation due to RZCD and the ZCD pin
capacitance.
Figure 34. Realistic CrM Waveforms Using a ZCD
Winding with RZCD and the ZCD Pin Capacitance
DRV
0 A
0 V
0 V
0 V
0 V
Diode Conduction
MOSFET Conduction
tz
RZCD Delay
Minimum Voltage Turn on
ton
toff
TSW
tdiode
VCL(NEG)
VZCD(TRIG)
VZCD(ARM)
VCL(POS)
VZCD(WIND),on
VZCD
VZCD(WIND),off
VZCD(WIND)
Vout
Vdrain
IL(peak)
IL
IL(NEG)


Similar Part No. - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
More results

Similar Description - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608 Datasheet
251Kb / 24P
Critical Conduction Mode PFC Controller Utilizing OTA
April, 2009 ??Rev. 0
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608BOOSTGEVB ONSEMI-NCP1608BOOSTGEVB Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com