Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1608 Datasheet(PDF) 14 Page - ON Semiconductor

Part # NCP1608
Description  Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1608 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button NCP1608_10 Datasheet HTML 10Page - ON Semiconductor NCP1608_10 Datasheet HTML 11Page - ON Semiconductor NCP1608_10 Datasheet HTML 12Page - ON Semiconductor NCP1608_10 Datasheet HTML 13Page - ON Semiconductor NCP1608_10 Datasheet HTML 14Page - ON Semiconductor NCP1608_10 Datasheet HTML 15Page - ON Semiconductor NCP1608_10 Datasheet HTML 16Page - ON Semiconductor NCP1608_10 Datasheet HTML 17Page - ON Semiconductor NCP1608_10 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
NCP1608
http://onsemi.com
14
Figure 31. On Time Generation
Control
Ct
+
PWM
+
DRV
Icharge
ton
VControl − Ct(offset)
ton
VCt
VCt(off)
VDD
DRV
VControl
Ct(offset)
VControl varies with the rms input voltage and output
load, which naturally satisfies Equation 1. The on time is
constant during the ac line cycle if the values of
compensation components are sufficient to filter out the
Vout ripple. The maximum on time of the controller occurs
when VControl is at the maximum. The Ct capacitor is sized
to ensure that the required on time is reached at maximum
output power and the minimum input voltage condition.
The on time is calculated using Equation 7:
ton +
Ct @ VCt(MAX)
Icharge
(eq. 7)
Combining Equation 7 with Equation 1, results in
Equation 8:
Ct w
2 @ Pout @ LMAX @ Icharge
h @ VacLL 2 @ VCt(MAX)
(eq. 8)
To calculate the minimum Ct value:
VCt(MAX) = 4.775 V (minimum value),
Icharge = 297 mA (maximum value), VacLL is the
minimum rms input voltage, and LMAX is the maximum
inductor value.
Off Time Sequence
In CrM operation, the on time is constant during the ac
line cycle and the off time varies with the instantaneous
input voltage. When the inductor current reaches zero, the
drain voltage (Vdrain in Figure 27) resonates towards Vin.
Measuring Vdrain is a way to determine when the inductor
current reaches zero. To measure the high voltage Vdrain
directly is generally not economical or practical. Instead,
a winding is added to the boost inductor. This winding,
called the Zero Current Detection (ZCD) winding,
provides a scaled representation of the inductor voltage
that is sensed by the controller. Figure 32 shows waveforms
of ideal CrM operation using a ZCD winding.
Figure 32. Ideal CrM Waveforms Using a ZCD
Winding
DRV
0 A
0 V
0 V
0 V
0 V
Diode Conduction
MOSFET Conduction
TSW
ton
tdiode
toff
VCL(NEG)
VZCD(TRIG)
VZCD(ARM)
VCL(POS)
VZCD(WIND),on
VZCD
VZCD(WIND),off
VZCD(WIND)
Vout
Vdrain
IL(peak)
IL
The voltage induced on the ZCD winding during the switch
on time (VZCD(WIND),on) is calculated using Equation 9:
VZCD(WIND),on +
−Vin
NB :NZCD
(eq. 9)
Where Vin is the instantaneous input voltage and NB:NZCD
is the turns ratio of the boost winding to the ZCD winding.
The voltage induced on the ZCD winding during the
switch off time (VZCD(WIND),off) is calculated using
Equation 10:
VZCD(WIND),off +
Vout * Vin
NB :NZCD
(eq. 10)
When the inductor current reaches zero, the ZCD pin
voltage (VZCD) follows the ZCD winding voltage
(VZCD(WIND)) and begins to decrease and ring towards zero
volts. The NCP1608 detects the falling edge of VZCD and
turns the driver on. To ensure that a ZCD event is not
inadvertently detected, the NCP1608 logic verifies that
VZCD exceeds VZCD(ARM) and then senses that VZCD
decreases to less than VZCD(TRIG) (Figure 33).


Similar Part No. - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
More results

Similar Description - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608 Datasheet
251Kb / 24P
Critical Conduction Mode PFC Controller Utilizing OTA
April, 2009 ??Rev. 0
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608BOOSTGEVB ONSEMI-NCP1608BOOSTGEVB Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com