Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1608 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCP1608
Description  Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1608 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP1608_10 Datasheet HTML 9Page - ON Semiconductor NCP1608_10 Datasheet HTML 10Page - ON Semiconductor NCP1608_10 Datasheet HTML 11Page - ON Semiconductor NCP1608_10 Datasheet HTML 12Page - ON Semiconductor NCP1608_10 Datasheet HTML 13Page - ON Semiconductor NCP1608_10 Datasheet HTML 14Page - ON Semiconductor NCP1608_10 Datasheet HTML 15Page - ON Semiconductor NCP1608_10 Datasheet HTML 16Page - ON Semiconductor NCP1608_10 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
NCP1608
http://onsemi.com
13
A resistor divider (Rout1 and Rout2) scales down the boost
output voltage (Vout) and is connected to the FB pin. If the
output voltage is less than the target output voltage, then
VFB is less than VREF and the EA increases the control
voltage (VControl). This increases the on time of the driver,
which increases the power delivered to the output. The
increase in delivered power causes Vout to increase until the
target output voltage is achieved. Alternatively, if Vout is
greater than the target output voltage, then VControl
decreases to cause the on time to decrease until Vout
decreases to the target output voltage. This cause and effect
regulates Vout so that the scaled down Vout that is applied
to FB through Rout1 and Rout2 is equal to VREF. The
presence of RFB (4.6 MW typical value) for FPP is included
in the divider network calculation.
The output voltage is set using Equation 2:
Vout + VREF @ Rout1 @
Rout2 ) RFB
Rout2 @ RFB
) 1
(eq. 2)
The divider network bias current is selected to optimize
the tradeoff of noise immunity and power dissipation. Rout1
is calculated using the bias current and output voltage using
Equation 3:
Rout1 +
Vout
Ibias(out)
(eq. 3)
Where Ibias(out) is the output divider network bias current.
Rout2 is dependent on Vout, Rout1, and RFB.
Rout2 is calculated using Equation 4:
Rout2 +
Rout1 @ RFB
RFB @
Vout
V
REF
* 1 * Rout1
(eq. 4)
The PFC stage consumes a sinusoidal current from a
sinusoidal line voltage. The converter provides the load
with a power that matches the average demand only. The
output capacitor (Cbulk) compensates for the difference
between the delivered power and the power consumed by
the load. When the power delivered to the load is less than
the power consumed by the load, Cbulk discharges. When
the delivered power is greater than the power consumed by
the load, Cbulk charges to store the excess energy. The
situation is depicted in Figure 30.
Figure 30. Output Voltage Ripple for a Constant Output Power
Vout
Pout
Pin
Iac
Vac
Due to the charging/discharging of Cbulk, Vout contains
a ripple at a frequency of either 100 Hz (for a 50 Hz line
frequency in Europe) or 120 Hz (for a 60 Hz line frequency
in the USA). The Vout ripple is attenuated by the regulation
loop to ensure VControl is constant during the ac line cycle
for the proper shaping of the line current. To ensure VControl
is constant during the ac line cycle, the loop bandwidth is
typically set below 20 Hz. A type 1 compensation network
consists of a capacitor (CCOMP) connected between the
Control and ground pins (see Figure 1). The capacitor value
that sets the loop bandwidth is calculated using Equation 5:
CCOMP +
gm
2 @ p @ fCROSS
(eq. 5)
Where fCROSS is the crossover frequency and gm is the
error amplifier transconductance. The crossover frequency
is set below 20 Hz.
On Time Sequence
The switching pattern consists of constant on times and
variable off times for a given rms input voltage and output
load. The NCP1608 controls the on time with the capacitor
connected to the Ct pin. A current source charges the Ct
capacitor to a voltage derived from the Control pin voltage
(VCt(off)). VCt(off) is calculated using Equation 6:
VCt(off) + VControl − Ct(offset) +
2 @ Pout @ L @ Icharge
h @ Vac2 @ Ct
(eq. 6)
When VCt(off) is reached, the drive turns off (Figure 31).


Similar Part No. - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
More results

Similar Description - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608 Datasheet
251Kb / 24P
Critical Conduction Mode PFC Controller Utilizing OTA
April, 2009 ??Rev. 0
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608BOOSTGEVB ONSEMI-NCP1608BOOSTGEVB Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com