Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1608 Datasheet(PDF) 12 Page - ON Semiconductor

Part # NCP1608
Description  Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1608 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button NCP1608_10 Datasheet HTML 8Page - ON Semiconductor NCP1608_10 Datasheet HTML 9Page - ON Semiconductor NCP1608_10 Datasheet HTML 10Page - ON Semiconductor NCP1608_10 Datasheet HTML 11Page - ON Semiconductor NCP1608_10 Datasheet HTML 12Page - ON Semiconductor NCP1608_10 Datasheet HTML 13Page - ON Semiconductor NCP1608_10 Datasheet HTML 14Page - ON Semiconductor NCP1608_10 Datasheet HTML 15Page - ON Semiconductor NCP1608_10 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
NCP1608
http://onsemi.com
12
When the switch is closed, the inductor current increases
linearly to the peak value. When the switch opens, the
inductor current linearly decreases to zero. When the
inductor current decreases to zero, the drain voltage of the
switch (Vdrain) is floating and begins to decrease. If the next
switching cycle does not begin, then Vdrain rings towards
Vin. A derivation of equations found in AND8123 leads to
the result that high power factor in CrM operation is
achieved when the on time (ton) of the switch is constant
during an ac cycle and is calculated using Equation 1.
ton +
2 @ Pout @ L
h @ Vac2
(eq. 1)
Where Pout is the output power, L is the inductor value, h
is the efficiency, and Vac is the rms input voltage.
A description of the switching over an ac line cycle is
illustrated in Figure 28. The on time is constant, but the off
time varies and is dependent on the instantaneous line
voltage. The constant on time causes the peak inductor
current (IL(peak)) to scale with the ac line voltage. The
NCP1608 represents an ideal method to implement a
constant on time CrM control in a cost−effective and robust
solution by incorporating an accurate regulation circuit, a
low current consumption startup circuit, and advanced
protection features.
Figure 28. Inductor Waveform During CrM Operation
ON
OFF
MOSFET
Iin(t)
IL(t)
Vin(t)
Vin(peak)
IL(peak)
Iin(peak)
Error Amplifier Regulation
The NCP1608 regulates the boost output voltage using
an internal error amplifier (EA). The negative terminal of
the EA is pinned out to FB, the positive terminal is
connected to a 2.5 V
± 1.6% reference (VREF), and the EA
output is pinned out to Control (Figure 29).
A feature of using a transconductance error amplifier is
that the FB pin voltage is only determined by the resistor
divider network connected to the output voltage, not the
operation of the amplifier. This enables the FB pin to be
used for sensing overvoltage or undervoltage conditions
independently of the error amplifier.
Figure 29. Error Amplifier and On Time Regulation Circuits
FB
Control
EA
PWM BLOCK
gm
UVP
OVP
OVP Fault
(Enable EA)
UVP Fault
CCOMP
VControl
VREF
Vout
Rout1
Rout2
RFB
ton
ton(MAX)
+
+
+
VOVP
VUVP
POK
VControl
VEAH
Ct(offset)
tPWM
Slope + Ct
Icharge


Similar Part No. - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
More results

Similar Description - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608 Datasheet
251Kb / 24P
Critical Conduction Mode PFC Controller Utilizing OTA
April, 2009 ??Rev. 0
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608BOOSTGEVB ONSEMI-NCP1608BOOSTGEVB Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com