Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1608 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1608
Description  Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1608 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1608_10 Datasheet HTML 7Page - ON Semiconductor NCP1608_10 Datasheet HTML 8Page - ON Semiconductor NCP1608_10 Datasheet HTML 9Page - ON Semiconductor NCP1608_10 Datasheet HTML 10Page - ON Semiconductor NCP1608_10 Datasheet HTML 11Page - ON Semiconductor NCP1608_10 Datasheet HTML 12Page - ON Semiconductor NCP1608_10 Datasheet HTML 13Page - ON Semiconductor NCP1608_10 Datasheet HTML 14Page - ON Semiconductor NCP1608_10 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
NCP1608
http://onsemi.com
11
high frequency switching converter to regulate the input
current harmonics. Active circuits operate at a higher
frequency, which enables them to be physically smaller,
weigh less, and operate more efficiently than a passive
circuit. With proper control of an active PFC stage, almost
any complex load emulates a linear resistance, which
significantly reduces the harmonic current content. Active
PFC circuits are the most popular way to meet harmonic
content requirements because of the aforementioned
benefits. Generally, active PFC circuits consist of inserting
a PFC pre−converter between the rectifier bridge and the
bulk capacitor (Figure 26).
Figure 26. Active PFC Pre−Converter with the NCP1608
Rectifiers
+
AC Line
High
Frequency
Bypass
Capacitor
NCP1608
PFC Pre−Converter
Converter
Load
+
Bulk
Storage
Capacitor
The boost (or step up) converter is the most popular
topology for active power factor correction. With the
proper control, it produces a constant voltage while
consuming a sinusoidal current from the line. For medium
power (<350 W) applications, CrM is the preferred control
method. CrM occurs at the boundary between
discontinuous conduction mode (DCM) and continuous
conduction mode (CCM). In CrM, the driver on time begins
when the boost inductor current reaches zero. CrM
operation is an ideal choice for medium power PFC boost
stages because it combines the reduced peak currents of
CCM operation with the zero current switching of DCM
operation. The operation and waveforms in a PFC boost
converter are illustrated in Figure 27.
Figure 27. Schematic and Waveforms of an Ideal CrM Boost Converter
Diode Bridge
AC Line
+
L
Diode Bridge
AC Line
+
L
+
The power switch is ON
The power switch is OFF
Critical Conduction Mode:
Next current cycle starts
when the core is reset.
Inductor
Current
+
With the power switch voltage being about zero, the
input voltage is applied across the inductor. The inductor
current linearly increases with a (Vin/L) slope.
The inductor current flows through the diode. The inductor
voltage is (Vout − Vin) and the inductor current linearly decays
with a (Vout − Vin)/L slope.
Vout
(Vout − Vin)/L
IL(peak)
IL
Vin
Vdrain
Vdrain
Vin/L
Vout
Vin
If next cycle does not start
then Vdrain rings towards Vin
+
IL
Vin
Vdrain


Similar Part No. - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
More results

Similar Description - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608 Datasheet
251Kb / 24P
Critical Conduction Mode PFC Controller Utilizing OTA
April, 2009 ??Rev. 0
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608BOOSTGEVB ONSEMI-NCP1608BOOSTGEVB Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com