Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE5740 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJE5740
Description  POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE5740 Datasheet(HTML) 3 Page - Motorola, Inc

  MJE5740 Datasheet HTML 1Page - Motorola, Inc MJE5740 Datasheet HTML 2Page - Motorola, Inc MJE5740 Datasheet HTML 3Page - Motorola, Inc MJE5740 Datasheet HTML 4Page - Motorola, Inc MJE5740 Datasheet HTML 5Page - Motorola, Inc MJE5740 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJE5740 MJE5741 MJE5742
3
Motorola Bipolar Power Transistor Device Data
REVERSE BIAS SAFE OPERATING AREA AND INDUCTIVE SWITCHING
RESISTIVE
SWITCHING
OUTPUT WAVEFORMS
NOTE:
PW and VCC Adjusted for Desired IC
RB Adjusted for Desired IB1
PW
DUTY CYCLE
≤ 10%
tr, tf ≤ 10 ns
68
1 k
0.001
µF
0.02
µF
1N4933
270
+ 5 V
1 k
2N2905
47
1/2 W
100
– VBE(off)
MJE200
T.U.T.
IB
RB
1N4933
1N4933
33
33
2N2222
1 k
MJE210
VCC
+ 5 V
L
IC
MR826*
Vclamp
*SELECTED FOR
≥ 1 kV
VCE
5.1 k
51
+VCC
RC
SCOPE
– 4 V
D1
RB
TUT
COIL DATA:
FERROXCUBE CORE #6656
FULL BOBBIN (~16 TURNS) #16
GAP FOR 200
µH/20 A
Lcoil = 200 µH
VCC = 30 V
VCE(pk) = 250 Vdc
IC(pk) = 6 A
VCC = 250 V
D1 = 1N5820 OR EQUIV.
IC
VCE
IC(pk)
t1
tf
t
t
t2
TIME
VCE OR
Vclamp
tf CLAMPED
t1 ADJUSTED TO
OBTAIN IC
t1 ≈
Lcoil (ICpk)
VCC
t2 ≈
Lcoil (ICpk)
Vclamp
TEST EQUIPMENT
SCOPE–TEKTRONICS
475 OR EQUIVALENT
+10 V
25
µs
0
– 9.2 V
tr, tf < 10 ns
DUTY CYCLE = 1%
RB AND RC ADJUSTED
FOR DESIRED IB AND IC
Table 1. Test Conditions for Dynamic Performance
Figure 5. Inductive Switching Measurements
IC, COLLECTOR CURRENT (AMPS)
1
0.2
0.1
1.4
0.8
1.2
10
5
2
1
0.5
0.2
1.6
1.8
0.6
0.4
hFE = 20
+ 25
°C
– 55
°C
+150
°C


Similar Part No. - MJE5740

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE5740 ONSEMI-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS
REV 1
MJE5740 ONSEMI-MJE5740 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
New Jersey Semi-Conduct...
MJE5740 NJSEMI-MJE5740 Datasheet
122Kb / 2P
   NPN SILICON Power Darlington Transistors
logo
ON Semiconductor
MJE5740 ONSEMI-MJE5740 Datasheet
89Kb / 6P
   NPN Silicon Power Darlington Transistors
January, 2015 ??Rev. 12
MJE5740G ONSEMI-MJE5740G Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
More results

Similar Description - MJE5740

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850_06 Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
MJE16106 MOTOROLA-MJE16106 Datasheet
380Kb / 10P
   POWER TRANSISTORS 8 AMPERES 400 VOLTS 100 AND 125 WATTS
MJE13007 MOTOROLA-MJE13007 Datasheet
337Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 400 VOLTS 80/40 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
logo
ON Semiconductor
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
MJE15034 ONSEMI-MJE15034_06 Datasheet
74Kb / 5P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS, 50 WATTS
January, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com