Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE5740 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MJE5740
Description  POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE5740 Datasheet(HTML) 1 Page - Motorola, Inc

  MJE5740 Datasheet HTML 1Page - Motorola, Inc MJE5740 Datasheet HTML 2Page - Motorola, Inc MJE5740 Datasheet HTML 3Page - Motorola, Inc MJE5740 Datasheet HTML 4Page - Motorola, Inc MJE5740 Datasheet HTML 5Page - Motorola, Inc MJE5740 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
NPN Silicon Power
Darlington Transistors
The MJE5740, 41, 42 Darlington transistors are designed for high–voltage power
switching in inductive circuits. They are particularly suited for operation in applications
such as:
• Small Engine Ignition
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls
MAXIMUM RATINGS
Rating
Symbol
MJE5740
MJE5741
MJE5742
Unit
Collector–Emitter Voltage
VCEO(sus)
300
350
400
Vdc
Collector–Emitter Voltage
VCEV
600
700
800
Vdc
Emitter Base Voltage
VEB
8
Vdc
Collector Current — Continuous
— Peak (1)
IC
ICM
8
16
Adc
Base Current — Continuous
— Peak (1)
IB
IBM
2.5
5
Adc
Total Power Dissipation
@ TA = 25_C
Derate above 25
_C
PD
2
16
Watts
mW/
_C
Total Power Dissipation
@ TC = 25_C
Derate above 25
_C
PD
80
640
Watts
mW/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
(1) Pulse Test: Pulse Width = 5 ms, Duty Cycle = 10%.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.56
_C/W
Thermal Resistance, Junction to Ambient
R
θJA
62.5
_C/W
Maximum Lead Temperature for Soldering
Purposes: 1/8
″ from Case for 5 Seconds
TL
275
_C
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS (2)
Collector–Emitter Sustaining Voltage
MJE5740
(IC = 50 mA, IB = 0)
MJE5741
MJE5742
VCEO(sus)
300
350
400
Vdc
Collector Cutoff Current (VCEV = Rated Value, VBE(off) = 1.5 Vdc)
(VCEV = Rated Value, VBE(off) = 1.5 Vdc, TC = 100_C)
ICEV
1
5
mAdc
Emitter Cutoff Current (VEB = 8 Vdc, IC = 0)
IEBO
75
mAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward Biased
IS/b
See Figure 6
Clamped Inductive SOA with Base Reverse Biased
RBSOA
See Figure 7
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle = 2%.
(continued)
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJE5740/D
© Motorola, Inc. 1995
MJE5740
MJE5741
MJE5742
POWER DARLINGTON
TRANSISTORS
8 AMPERES
300, 350, 400 VOLTS
80 WATTS
*Motorola Preferred Device
≈ 100
≈ 50
*
*
CASE 221A–06
TO–220AB
REV 1


Similar Part No. - MJE5740

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE5740 ONSEMI-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS
REV 1
MJE5740 ONSEMI-MJE5740 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
New Jersey Semi-Conduct...
MJE5740 NJSEMI-MJE5740 Datasheet
122Kb / 2P
   NPN SILICON Power Darlington Transistors
logo
ON Semiconductor
MJE5740 ONSEMI-MJE5740 Datasheet
89Kb / 6P
   NPN Silicon Power Darlington Transistors
January, 2015 ??Rev. 12
MJE5740G ONSEMI-MJE5740G Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
More results

Similar Description - MJE5740

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850_06 Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
MJE16106 MOTOROLA-MJE16106 Datasheet
380Kb / 10P
   POWER TRANSISTORS 8 AMPERES 400 VOLTS 100 AND 125 WATTS
MJE13007 MOTOROLA-MJE13007 Datasheet
337Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 400 VOLTS 80/40 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
logo
ON Semiconductor
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
MJE15034 ONSEMI-MJE15034_06 Datasheet
74Kb / 5P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS, 50 WATTS
January, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com