Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

044801.6MR Datasheet(PDF) 1 Page - Littelfuse

Part # 044801.6MR
Description  Surface Mount Fuses Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

044801.6MR Datasheet(HTML) 1 Page - Littelfuse

  044801.6MR Datasheet HTML 1Page - Littelfuse 044801.6MR Datasheet HTML 2Page - Littelfuse 044801.6MR Datasheet HTML 3Page - Littelfuse 044801.6MR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
448 Series
NANO> Very Fast-Acting > 448 Series
Please refer to www.littelfuse.com/series/448.html for current information.
448 Series Fuse
Description
The lead-free Nano2 SMF Fuse is a very small, square
surface mount fuse that is RoHS compliant, Halogen Free
and 100% lead-free. This product is fully compatible with
lead-free solder alloys and higher temperature profiles
associated with lead-free assembly.
Agency Approvals
Features
PS
E
Electrical Characteristics for Series
% of Ampere
Rating
Ampere Rating
Opening Time
100%
1/16 –15
4 hours, Minimum
200%
1/16 –10
5 sec., Maximum
12 –15
20 sec., Maximum
Applications
equipment
protection
Free
temperature range
de-rating
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
E10480
62mA - 15A
LR29862
62mA - 15A
PS
E
NBK030205
1A - 10A
Revised: September 6, 2012


Similar Part No. - 044801.6MR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
044801.6 LITTELFUSE-044801.6 Datasheet
142Kb / 1P
   Surface Mount Fuses
More results

Similar Description - 044801.6MR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
441 LITTELFUSE-441 Datasheet
38Kb / 2P
   SURFACE MOUNT FUSES
0466002NRHF LITTELFUSE-0466002NRHF Datasheet
161Kb / 3P
   Surface Mount Fuses
0154015DRT LITTELFUSE-0154015DRT Datasheet
116Kb / 1P
   Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com