Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR4A80 Datasheet(PDF) 1 Page - SemiWell Semiconductor

Part # STR4A80
Description  Bi-Directional Triode Thyristor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

STR4A80 Datasheet(HTML) 1 Page - SemiWell Semiconductor

  STR4A80 Datasheet HTML 1Page - SemiWell Semiconductor STR4A80 Datasheet HTML 2Page - SemiWell Semiconductor STR4A80 Datasheet HTML 3Page - SemiWell Semiconductor STR4A80 Datasheet HTML 4Page - SemiWell Semiconductor STR4A80 Datasheet HTML 5Page - SemiWell Semiconductor STR4A80 Datasheet HTML 6Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Absolute Maximum Ratings ( T
J = 25°C unless otherwise specified )
Symbol
Parameter
Condition
Ratings
Units
VDRM
Repetitive Peak Off-State Voltage
Sine wave, 50 to 60 Hz, Gate open
800
V
IT(RMS)
R.M.S On-State Current
TC = 95 °C, Full Sine wave
4.0
A
ITSM
Surge On-State Current
One Cycle, 50Hz/60Hz, Peak,
Non-Repetitive
30/33
A
I2t
I2t for Fusing
tp = 10ms
4.5
A2s
PGM
Peak Gate Power Dissipation
TC = 95 °C, Pulse width ≤ 1.0us
3W
PG(AV)
Average Gate Power Dissipation
Over any 20ms period
0.3
W
IGM
Peak Gate Current
tp = 20us, TJ=125°C
1.0
A
VGM
Peak Gate Voltage
tp = 20us, TJ=125°C
7.0
V
TJ
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
Mass
0.26
g
Mar, 2008. Rev. 5
Features
◆ Repetitive Peak Off-State Voltage : 800V
◆ R.M.S On-State Current ( I
T(RMS)= 4 A )
◆ High Commutation dv/dt
General Description
This device is new surface mounted package line up suitable
for space limited application such as low power AC switching
applications, such as fan speed, small light controllers and
home appliance equipment.
1/6
STR4A80
SemiWell Semiconductor
2.T2
3.Gate
1.T1
Symbol
TO-126
▼▲
3
2
1
Bi-Directional Triode Thyristor
copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.


Similar Part No. - STR4A80

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR4A100 SANKEN-STR4A100 Datasheet
747Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR4A162D SANKEN-STR4A162D Datasheet
747Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR4A162S SANKEN-STR4A162S Datasheet
747Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR4A164D SANKEN-STR4A164D Datasheet
747Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR4A164HD SANKEN-STR4A164HD Datasheet
747Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results

Similar Description - STR4A80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
   Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
   Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
   Bi-Directional Triode Thyristor
STW25A60 SEMIWELL-STW25A60_07 Datasheet
536Kb / 5P
   Bi-Directional Triode Thyristor
logo
Shenzhen Winsemi Microe...
WTF12A60 WINSEMI-WTF12A60 Datasheet
489Kb / 6P
   Bi-Directional Triode Thyristor
WTPA24A60BW WINSEMI-WTPA24A60BW Datasheet
382Kb / 5P
   Bi-Directional Triode Thyristor
logo
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
   BI- DIRECTIONAL TRIODE THYRISTOR
logo
SemiWell Semiconductor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
   Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com