Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE3055 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MJE3055
Description  10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE3055 Datasheet(HTML) 2 Page - Motorola, Inc

  MJE3055 Datasheet HTML 1Page - Motorola, Inc MJE3055 Datasheet HTML 2Page - Motorola, Inc MJE3055 Datasheet HTML 3Page - Motorola, Inc MJE3055 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJE2955T MJE3055T
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1) (IC = 200 mAdc, IB = 0)
VCEO(sus)
60
Vdc
Collector Cutoff Current (VCE = 30 Vdc, IB = 0)
ICEO
700
µAdc
Collector Cutoff Current
(VCE = 70 Vdc, VEB(off) = 1.5 Vdc)
(VCE = 70 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
ICEX
1.0
5.0
mAdc
Collector Cutoff Current
(VCB = 70 Vdc, IE = 0)
(VCB = 70 Vdc, IE = 0, TC = 150_C)
ICBO
1.0
10
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
5.0
mAdc
ON CHARACTERISTICS
DC Current Gain (1)
(IC = 4.0 Adc, VCE = 4 0 Vdc)
(IC = 10 Adc, VCE = 4.0 Vdc)
hFE
20
5.0
100
Collector–Emitter Saturation Voltage (1)
(IC = 4.0 Adc, IB = 0.4 Adc)
(IC = 10 Adc, IB = 3.3 Adc)
VCE(sat)
1.1
8.0
Vdc
Base–Emitter On Voltage (1) (IC = 4.0 Adc, VCE = 4.0 Vdc)
VBE(on)
1.8
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain–Bandwidth Product (IC = 500 mAdc, VCE = 10 Vdc, f = 500 kHz)
fT
2.0
MHz
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 20%.
0
TC, CASE TEMPERATURE (°C)
75
100
175
25
50
Figure 2. DC Current Gain
125
150
500
0.01
Figure 3. Power Derating
IC, COLLECTOR CURRENT (AMP)
5.0
0.02
0.05
0.1
0.2
1.0
2.0
10
0.5
300
200
100
50
30
90
0
80
60
40
70
50
20
10
5.0
TJ = 150°C
25
°C
– 55
°C
VCE = 2.0 V
30
10
20
MJE3055T
MJE2955T
0.1
IC, COLLECTOR CURRENT (AMP)
0.5
1.0
10
0.2 0.3
2.0 3.0
Figure 4. “On” Voltages
2.0
0
1.6
1.2
0.8
0.4
5.0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VBE @ VCE = 3.0 V
VCE(sat) @ IC/IB = 10
MJE2955T
0.1
IC, COLLECTOR CURRENT (AMP)
0.5
1.0
10
0.2 0.3
2.0
3.0
1.4
0
1.2
1.0
0.8
0.4
5.0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VBE @ VCE = 2.0 V
VCE(sat) @ IC/IB = 10
MJE3055T
0.6
0.2


Similar Part No. - MJE3055

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJE3055 STMICROELECTRONICS-MJE3055 Datasheet
65Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Wing Shing Computer Com...
MJE3055 WINGS-MJE3055 Datasheet
64Kb / 1P
   SILICON EPITAXIAL PLANAR TRANSISTOR
logo
Samsung semiconductor
MJE3055 SAMSUNG-MJE3055 Datasheet
216Kb / 6P
   NPN (GENERAL PURPOSE AND SWITCHING APPLICATIONS)
logo
Fairchild Semiconductor
MJE3055 FAIRCHILD-MJE3055 Datasheet
36Kb / 4P
   General Purpose and Switching Applications
logo
TRANSYS Electronics Lim...
MJE3055 TEL-MJE3055 Datasheet
55Kb / 1P
   Plastic-Encapsulated Transistors
More results

Similar Description - MJE3055

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6488G ONSEMI-2N6488G Datasheet
148Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
2N6491G ONSEMI-2N6491G Datasheet
148Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
logo
ON Semiconductor
2N6487 ONSEMI-2N6487_11 Datasheet
148Kb / 6P
   Complementary Silicon Plastic Power Transistors 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
logo
Motorola, Inc
MJE171 MOTOROLA-MJE171 Datasheet
172Kb / 4P
   3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
   10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJ15011 MOTOROLA-MJ15011 Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY POWER TRANSISTORS 250 VOLTS 200 WATTS
2N3055A MOTOROLA-2N3055A Datasheet
235Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
logo
Motorola, Inc
MJH6282 MOTOROLA-MJH6282 Datasheet
209Kb / 6P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com