Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASP-149117-01 Datasheet(PDF) 1 Page - Samtec, Inc

Part # ASP-149117-01
Description  THIS PRODUCT MANUFACTURED WITH LEAD-FREE PROCESSING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

ASP-149117-01 Datasheet(HTML) 1 Page - Samtec, Inc

  ASP-149117-01 Datasheet HTML 1Page - Samtec, Inc ASP-149117-01 Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USE FOR QUOTING, PRELIMINARY
DESIGN, PROTOTYPING AND
INFORMATIONAL PURPOSES ONLY
NOT RELEASED
FOR PRODUCTION
THIS PRODUCT MANUFACTURED
WITH LEAD-FREE PROCESSING
Pb
13.34 .525
REF
19.50 .768
21.59 .850
0.635
(TYP)
.0250
(TOL. NON-ACCUM)
22.95
REF
.904
0.50
REF
.020
1.32
REF
.052
1.10
REF
.043
1.68
REF
.066
"A"
"A"
C C1-B,I-OG
C2-B,I-OG
C
C3-B-MV
C
01
35
ROW A
ROW B
ROW C
ROW D
CL
4
4
ITEM NO.
PART NUMBER
QUANTITY
MATERIAL
1
SUB-IM-C-299-01-S
18.000
PHOS BRONZE, 521 HARD TEMPER
2
SUB-IM-C-299-02-S
17.000
PHOS BRONZE, 521 HARD TEMPER
3
HT3-035-01-RA
1.0000
VECTRA E130i, COLOR: BLACK
4
WT-61-01-T
2.0000
PHOS BRONZE, 510 1/2 HARD
5
HT3-BC-035-01
1.0000
VECTRA E130i, COLOR: BLACK
20.80 .819
REF
23.95
REF
.943
15.05 .593
REF
3
CL
5
4
4
8.75 .344
REF
20.44±0.08 .805±.003
(SEE NOTE 10)
1.32 .052
'B'
'D'
1
2
C14-B,I-OG
C
4
ROW D
ROW C
ROW B
ROW A
C
4
C11-B,I-XR
C
4
4
4
15
CPC
FREQUENCY
THIS SHEET
A
B C1, C2, C3,
C11, C14
C
D
SHEET OF
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN
MILLIMETERS[INCHES].
TOLERANCES ARE:
DECIMALS
ANGLES
X.X: 0.3[.01]
2
X.XX: 0.13[.005]
X.XXX: 0.051[.0020]
4 ROW 0.635mm SOCKET
BY:
ASP-149117-01
DWG. NO.
DESCRIPTION:
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
DO NOT SCALE DRAWING
VICKY Z
12/10/2009
2
1
SHEET SCALE: 2:1
ASP-149117-01
F:\DWG\SW\Newprod\Pt635mm\HyperTransport\ASP-149117-01.SLDDRW
REVISION
NOTES:
1.
REPRESENTS A CRITICAL DIMENSION.
2. MINIMUM PUSHOUT FORCE: 2.22N[0.5 LB].
3. INSPECT DIMENSION AT BOTH ENDS OF PART. ALL VISIBLE SOLDER CRIMPS TO BE CHECKED.
4. FOR QUANTITIES UP TO 49 PIECES, NO LEADER, TRAILER, OR REEL WILL BE SUPPLIED.
FOR QUANTITIES OF 50-124 PIECES, NO LEADER OR TRAILER WILL BE SUPPLIED.
5. PARTS TO BE PACKAGED IN TAPE AND REEL.
6. ATTACH LABEL "ASP-149117-01" TO EACH TAPE & REEL PACKAGE.
7. MEASUREMENT MUST BE TAKEN FROM THE LOWEST POINT OF THIS SURFACE (STANDOFF).
8. SOLDER COMPOSITION; 96.5% TIN/3.5% SILVER.
9. MEASUREMENT MUST BE TAKEN TO BACK CAP.
10. CHECK DIMENSION AT FIRST AND LAST ROW OF TAILS.
MATERIAL:
INSULATOR: LCP
CONTACT: PHOS BRONZE
WT: PHOS BRONZE
PLATING:
CONTACT AREA: .000030 GOLD OVER .000050 NICKEL
REMAINDER: .000200 REF TIN OVER .000050 NICKEL
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail info@SAMTEC.com
code 55322


Similar Part No. - ASP-149117-01

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ASP-149118-01 SAMTEC-ASP-149118-01 Datasheet
246Kb / 2P
REPRESENTS A CRITICAL DIMENSION
More results

Similar Description - ASP-149117-01

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
HDR-142118-01 SAMTEC-HDR-142118-01 Datasheet
1Mb / 2P
THIS PRODUCT MANUFACTURED WITH LEAD-FREE PROCESSING
HDR-142120-01 SAMTEC-HDR-142120-01 Datasheet
1Mb / 3P
THIS PRODUCT MANUFACTURED WITH LEAD-FREE PROCESSING
HDR-142117-XX SAMTEC-HDR-142117-XX Datasheet
298Kb / 2P
THIS PRODUCT MANUFACTURED WITH LEAD-FREE PROCESSING
BNC7T-J-C-XX-ST-BH3 SAMTEC-BNC7T-J-C-XX-ST-BH3 Datasheet
312Kb / 2P
THIS PRODUCT MANUFACTURED WITH LEAD-FREE PROCESSING
logo
Seoul Semiconductor
SMJE-XD08W4PD SEOUL-SMJE-XD08W4PD Datasheet
1Mb / 25P
Lead Free Product
SSC-SZG05A0A SEOUL-SSC-SZG05A0A Datasheet
810Kb / 21P
Lead Free product
logo
Zowie Technology Corpor...
DAN217G ZOWIE-DAN217G Datasheet
141Kb / 2P
Switching Diode Lead free product
logo
Shanghai Leiditech Elec...
HL90-185 LEIDITECH-HL90-185 Datasheet
310Kb / 3P
RoHS Compliant (Lead Free) Product
logo
TT Electronics.
1600 TTELEC-1600 Datasheet
907Kb / 7P
Manufactured ROHS compliant pb-free terminations
logo
Zowie Technology Corpor...
BAS16GH ZOWIE-BAS16GH Datasheet
51Kb / 2P
Switching Diode Lead free product Halogen-free type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com