Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF100103JTR Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # CF100103JTR
Description  Carbon Film Resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CF100103JTR Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  CF100103JTR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RATING AND AVAILABILITY
Type
CF12
CF25S
CF25
CF50S
CF50
CF100S
CF100
CF200S
CF200
Power rating @ 70
oC
0.125W
0.25W
0.25W
0.5W
0.25W
1W
1W
2W
2W
Max working voltage
150V
200V
250V
300V
280V
400V
450V
500V
500V
Max overload voltage
300V
400V
500V
500V
500V
800V
1000V
1000V
1000V
Dielectric withsanding voltage
300V
400V
500V
500V
500V
800V
1000V
1000V
1000V
DIMENSIONS
BODY
LEADWIRE
TYPE
(L)
(D)
(H)
(d±0.03)
CF12
3.3 ±0.3
1.8 ±0.3
29±2
0.45
CF25S
3.3 ±0.3
1.8 ±0.3
29±2
0.45
CF25
6.3 ±0.5
2.3 ±0.3
28±2
0.55
CF50S
6.3 ±0.5
2.3 ±0.3
28±2
0.55
CF50
9.0 ±0.5
3.2 ±0.5
26±2
0.65
CF100S
9.0 ±0.5
3.2 ±0.5
26±2
0.65
CF100
11.5 ±1.0
4.5 ±0.5
35±2
0.78
CF200S
11.5 ±1.0
4.5 ±0.5
35±2
0.78
CF200
15.5 ±1.0
5.0 ±0.5
32±2
0.78
Rev. 7
FEATURES
Economically priced for commercial and industrial applications
Wide selection of power ratings and resistance values
EIA color coding
Resistance to industrial solvent
Standard tape & reel package
PART NUMBERING SYSTEMS
CF
25
103
J
TR
Meritek Series
Power Rating
CODE
12
25
50
100
200
0.125W
0.25W
0.5W
1W
2W
Resistance
First 2 digits are significant
3
rd digit is multiplier
“R” indicates decimal for values below 10 ohm
Tolerance
Code
G
J
K
±2%
±5%
±10%
Tape & Reel
REQUIREMENT
PERFORMANCE
Operating Temp Range
-55 to 155
oC (derated at 70oC/see chart)
ppm/
oC
CF100S and <1W
≥1W
Under 100KΩ
±350ppm
+350ppm~-500ppm
100KΩ - 1MΩ
0~-500ppm
0~-700ppm
Temperature
Cpefficient
(ppm/
oC)
1MΩ - 4M7Ω
0~-1000ppm
0~-1500ppm
uV/V
0.125W
0.25W and over
0.1
1 ohm-10K ohm
0.3
1 ohm-10K ohm
11K ohm-91K ohm
0.5
11K ohm-91K ohm
100K ohm-1M ohm
Noise(uV/V)
1.0
100K ohm
1.1M ohm-10M ohm
Short Time Overload
∆R ≤ ±(0.75% + 0.05 ohm)
Temperature Cycling
∆R ≤ ±(0.5% + 0.05 ohm)
Soldering Effect
∆R ≤ ±(1% + 0.05 ohm)
Vibration
∆R ≤ ±(0.5% + 0.05 ohm)
R > 100K
∆R ≤ ±5%
Moisture
Resistance
R ≤ 100K
∆R ≤ ±(3% + 0.05 ohm)
Load Life
±(3%+0.05 ohm)
Carbon Film Resistors
CF Series


Similar Part No. - CF100103JTR

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CF10100CS CITC-CF10100CS Datasheet
513Kb / 3P
   10A Trench Schottky Rectifier
CF1045CS CITC-CF1045CS Datasheet
531Kb / 3P
   10A Trench Schottky Rectifier
logo
List of Unclassifed Man...
CF1050 ETC2-CF1050 Datasheet
109Kb / 3P
   The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
Laird Tech Smart Techno...
CF10G LSTD-CF10G Datasheet
321Kb / 2P
   INDUSTRIAL WI-FI WITH WORLD CLASS SOFTWARE
logo
Chip Integration Techno...
CF10L100CT CITC-CF10L100CT Datasheet
468Kb / 3P
   10A Trench Schottky Rectifier
More results

Similar Description - CF100103JTR

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
   Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
   Carbon Film Resistors
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
   Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
   Carbon Film Resistors
logo
NIC-Components Corp.
NCF25J181 NIC-NCF25J181 Datasheet
64Kb / 2P
   Carbon Film Resistors
logo
Dubilier
DCR255T10K DUBILIER-DCR255T10K Datasheet
126Kb / 2P
   RESISTORS CARBON FILM DCR
logo
Vishay Siliconix
LCA0922 VISHAY-LCA0922 Datasheet
203Kb / 4P
   Carbon Film Resistors, Standard
Revision 03-Sep-03
logo
KOA Speer Electronics, ...
CFS14C852R103J KOA-CFS14C852R103J Datasheet
274Kb / 2P
   carbon film leaded resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com