Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAQV253A Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KAQV253A
Description  PRODUCT SPECIFICATION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV253A Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KAQV253A Datasheet HTML 1Page - COSMO  Electronics Corporation KAQV253A Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV253A Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV253A Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV253A Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV253A Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV253A Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PRODUCT SPECIFICATION
DATE:02/22/2011
NO.61M10027
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV253A
SHEET 2 OF 7
REV.
2
Electro-optical Characteristics
Ta=25℃)
Parameter
Symbol
Conditions
Min. Typ. Max. Unit.
Emitter(Input)
Forward Voltage
VF
IF=10mA
1.2
1.5
V
Operation Input Current
IFON
VL=±20V,IL=100mA,t=10ms
5.0
mA
Recovery Input Current
IFOFF
VL=±20V,IL≦5μA
0.2
mA
Detector(Output)
Output Breakdown Voltage
VB
IB=50μA
250
V
Output Off-State Leakage
ITOFF
VT=250V,IF=0mA
0.2
1
μ
A
I/O Capacitance
CISO
IF=0,f=1MHz
6
pF
A
5
8
B
2.5
4
ON Resistance Connection
C
RON
IL=100mA,IF=10mA
1.2
2
Ω
Turn-On Time
TON
0.3
1.0
ms
Turn-Off Time
TOFF
IF=10mA,VL=±20V
t=10ms,IL=±100mA
0.7
1.5
ms
Schematic and Wiring Diagrams
Schematic
Output
Configuration
Load
Connection
Wiring Diagrams
AC/DC
A
V
2
3
IN
IF
1
5
4
6
L
I
Load
V (AC,DC)
L
IL
4
6
Load
(AC,DC)
L
V
DC
B
+
I
Load
6
4
5
IL
6
4
5
L
V
Load
(DC)
-
+
L
V (DC)
-
L
+
6
4
5
Load
IL
5
Load
L
I
L
V (DC)
-
+
L
V (DC)
-
1
V
V
F
I
3
2
IN
IN
IF
1
3
2
3
2
1
4
5
6
1a
DC
C
+
I
6
+
Load
6
1
VIN
IF
3
2
4
5
V
IL
(DC)
-
L
4
5
Load
L
(DC)
L
V
-


Similar Part No. - KAQV253A

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV253A COSMO-KAQV253A Datasheet
469Kb / 11P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV253ATL COSMO-KAQV253ATL Datasheet
244Kb / 11P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV253ATR COSMO-KAQV253ATR Datasheet
244Kb / 11P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
More results

Similar Description - KAQV253A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com