Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAQV253A Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KAQV253A
Description  PRODUCT SPECIFICATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV253A Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KAQV253A Datasheet HTML 1Page - COSMO  Electronics Corporation KAQV253A Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV253A Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV253A Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV253A Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV253A Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV253A Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT SPECIFICATION
DATE:02/22/2011
NO.61M10027
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV253A
SHEET 1 OF 7
REV.
2
OUTSIDE DIMENSION︰
7.62
1.00
10.00±0.4
0.26
6.50
1.2
5.08
2.54
7.3
Date Code
V253
XXX
Turn On / Turn Off time
Output
TON
Input
TOFF
90%
10%
2
1
6
5
3
5,6
4
4
1 FORM A
NORMALLY OPEN
Absolute Maximum Ratings
Ta=25℃)
Emitter(Input)
Detector(Output)
Reverse Voltage ……………………………… 5.0V Output Breakdown Voltage ………………
±250V
Continuous Forward Current ……………
50mA Continuous Load Current ………………
± 200mA
Peak Forward Current …………………………
1A Power Dissipation …………………………
500mW
Power Dissipation ………………………… 100mW
Derate Linearly from 25℃ ……………
1.3mW/℃
General Characteristics
Isolation Test Voltage ………………
5000VACrms Storage Temperature Range …… -40℃ to +125℃
Operating Temperature Range …
-40℃ to +85℃
Isolation Resistance
Vio=500V,Ta=25℃ ……………………… ≧1010Ω Junction Temperature ………………………
100℃
Total Power Dissipation …………………… 550mW
Derate Linearly from 25℃ ……………
2.5mW/℃
Soldering Temperature,
2mm from case,10 sec ……………………
260℃
Unit︰mm
Tolerance︰±0.2mm


Similar Part No. - KAQV253A

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV253A COSMO-KAQV253A Datasheet
469Kb / 11P
6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV253ATL COSMO-KAQV253ATL Datasheet
244Kb / 11P
6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV253ATR COSMO-KAQV253ATR Datasheet
244Kb / 11P
6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
More results

Similar Description - KAQV253A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
PRODUCT SPECIFICATION
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
Product Specification
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
Product Specification
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
PRODUCT SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com