Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD44H11 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJD44H11
Description  SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJD44H11 Datasheet(HTML) 3 Page - Motorola, Inc

  MJD44H11 Datasheet HTML 1Page - Motorola, Inc MJD44H11 Datasheet HTML 2Page - Motorola, Inc MJD44H11 Datasheet HTML 3Page - Motorola, Inc MJD44H11 Datasheet HTML 4Page - Motorola, Inc MJD44H11 Datasheet HTML 5Page - Motorola, Inc MJD44H11 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJD44H11 MJD45H11
3
Motorola Bipolar Power Transistor Device Data
t, TIME (ms)
1
0.01
1 k
0.3
0.2
0.07
R
θJC(t) = r(t) RθJC
R
θJC = 6.25°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.01
0.7
Figure 1. Thermal Response
0.5
0.1
0.05
0.03
0.02
0.02 0.03
0.05
0.1
0.2 0.3
0.5
1
2
3
5
10
20
30
50
100
200 300
500
0.2
SINGLE PULSE
D = 0.5
0.1
0.02
0.01
0.05
20
1
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.02
3
100
2
0.5
5
0.1
THERMAL LIMIT @ TC = 25°C
WIRE BOND LIMIT
5
7
20
70
10
100
µs
dc
0.05
0.3
1
3
10
50
30
Figure 2. Maximum Forward Bias
Safe Operating Area
1 ms
500
µs
5 ms
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 2 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. TJ(pk) may be calculated from the data in Fig-
ure 1. At high case temperatures, thermal limitations will re-
duce the power that can be handled to values less than the
limitations imposed by second breakdown.
25
25
T, TEMPERATURE (
°C)
0
50
75
100
125
150
20
15
10
5
2.5
0
2
1.5
1
0.5
TA TC
Figure 3. Power Derating
TC
TA
SURFACE
MOUNT


Similar Part No. - MJD44H11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Rectron Semiconductor
MJD44H11 RECTRON-MJD44H11 Datasheet
302Kb / 2P
   Designed for general purpose power and switching
logo
STMicroelectronics
MJD44H11 STMICROELECTRONICS-MJD44H11 Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON PNP TRANSISTORS
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
logo
Fairchild Semiconductor
MJD44H11 FAIRCHILD-MJD44H11 Datasheet
36Kb / 4P
   General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
More results

Similar Description - MJD44H11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD6036 MOTOROLA-MJD6036 Datasheet
270Kb / 6P
   SILICON POWER TRANSISTORS 4 AMPERES 80 VOLTS 20 WATTS
logo
ON Semiconductor
MJF44H11 ONSEMI-MJF44H11_06 Datasheet
115Kb / 5P
   SILICON POWER TRANSISTORS 10 AMPERES 80 VOLTS, 36 WATTS
April, 2006 ??Rev. 4
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MJD112 MOTOROLA-MJD112 Datasheet
306Kb / 6P
   SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
MJD44E3 MOTOROLA-MJD44E3 Datasheet
80Kb / 4P
   NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
MJE8503A MOTOROLA-MJE8503A Datasheet
89Kb / 4P
   POWER TRANSISTORS 5.0 AMPERES 1500 VOLTS - BVCES 80 WATTS
logo
ON Semiconductor
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
logo
Motorola, Inc
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
MJD122 MOTOROLA-MJD122 Datasheet
284Kb / 8P
   SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com