Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD44H11 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MJD44H11
Description  SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJD44H11 Datasheet(HTML) 2 Page - Motorola, Inc

  MJD44H11 Datasheet HTML 1Page - Motorola, Inc MJD44H11 Datasheet HTML 2Page - Motorola, Inc MJD44H11 Datasheet HTML 3Page - Motorola, Inc MJD44H11 Datasheet HTML 4Page - Motorola, Inc MJD44H11 Datasheet HTML 5Page - Motorola, Inc MJD44H11 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJD44H11 MJD45H11
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage
(IC = 30 mA, IB = 0)
VCEO(sus)
80
Vdc
Collector Cutoff Current
(VCE = Rated VCEO, VBE = 0)
ICES
10
µA
Emitter Cutoff Current
(VEB = 5 Vdc)
IEBO
50
µA
ON CHARACTERISTICS
Collector–Emitter Saturation Voltage
(IC = 8 Adc, IB = 0.4 Adc)
VCE(sat)
1
Vdc
Base–Emitter Saturation Voltage
(IC = 8 Adc, IB = 0.8 Adc)
VBE(sat)
1.5
Vdc
DC Current Gain
(VCE = 1 Vdc, IC = 2 Adc)
hFE
60
DC Current Gain
(VCE = 1 Vdc, IC = 4 Adc)
40
DYNAMIC CHARACTERISTICS
Collector Capacitance
(VCB = 10 Vdc, ftest = 1 MHz)
MJD44H11
MJD45H11
Ccb
130
230
pF
Gain Bandwidth Product
(IC = 0.5 Adc, VCE = 10 Vdc, f = 20 MHz)
MJD44H11
MJD45H11
fT
50
40
MHz
SWITCHING TIMES
Delay and Rise Times
(IC = 5 Adc, IB1 = 0.5 Adc)
MJD44H11
MJD45H11
td + tr
300
135
ns
Storage Time
(IC = 5 Adc, IB1 = IB2 = 0.5 Adc)
MJD44H11
MJD45H11
ts
500
500
ns
Fall Time
(IC = 5 Adc, IB1 = IB2 = 0.5 Adc)
MJD44H11
MJD45H11
tf
140
100
ns


Similar Part No. - MJD44H11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Rectron Semiconductor
MJD44H11 RECTRON-MJD44H11 Datasheet
302Kb / 2P
Designed for general purpose power and switching
logo
STMicroelectronics
MJD44H11 STMICROELECTRONICS-MJD44H11 Datasheet
64Kb / 5P
COMPLEMENTARY SILICON PNP TRANSISTORS
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
310Kb / 11P
Complementary Power Transistors
August, 2021 ??Rev. 21
logo
Fairchild Semiconductor
MJD44H11 FAIRCHILD-MJD44H11 Datasheet
36Kb / 4P
General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
More results

Similar Description - MJD44H11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD6036 MOTOROLA-MJD6036 Datasheet
270Kb / 6P
SILICON POWER TRANSISTORS 4 AMPERES 80 VOLTS 20 WATTS
logo
ON Semiconductor
MJF44H11 ONSEMI-MJF44H11_06 Datasheet
115Kb / 5P
SILICON POWER TRANSISTORS 10 AMPERES 80 VOLTS, 36 WATTS
April, 2006 ??Rev. 4
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MJD112 MOTOROLA-MJD112 Datasheet
306Kb / 6P
SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
MJD44E3 MOTOROLA-MJD44E3 Datasheet
80Kb / 4P
NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
MJE8503A MOTOROLA-MJE8503A Datasheet
89Kb / 4P
POWER TRANSISTORS 5.0 AMPERES 1500 VOLTS - BVCES 80 WATTS
logo
ON Semiconductor
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
logo
Motorola, Inc
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
MJD122 MOTOROLA-MJD122 Datasheet
284Kb / 8P
SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com