Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD44H11 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MJD44H11
Description  SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJD44H11 Datasheet(HTML) 1 Page - Motorola, Inc

  MJD44H11 Datasheet HTML 1Page - Motorola, Inc MJD44H11 Datasheet HTML 2Page - Motorola, Inc MJD44H11 Datasheet HTML 3Page - Motorola, Inc MJD44H11 Datasheet HTML 4Page - Motorola, Inc MJD44H11 Datasheet HTML 5Page - Motorola, Inc MJD44H11 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Complementary Power
Transistors
DPAK For Surface Mount Applications
. . . for general purpose power and switching such as output or driver stages in
applications such as switching regulators, converters, and power amplifiers.
• Lead Formed for Surface Mount Application in Plastic Sleeves (No Suffix)
• Straight Lead Version in Plastic Sleeves (“–1” Suffix)
• Lead Formed Version in 16 mm Tape and Reel for Surface Mount (“T4” Suffix)
• Electrically Similar to Popular D44H/D45H Series
• Low Collector Emitter Saturation Voltage — VCE(sat) = 1.0 Volt Max @ 8.0 Amperes
• Fast Switching Speeds
• Complementary Pairs Simplifies Designs
MAXIMUM RATINGS
Rating
Symbol
D44H11 or D45H11
Unit
Collector–Emitter Voltage
VCEO
80
Vdc
Emitter–Base Voltage
VEB
5
Vdc
Collector Current — Continuous
Peak
IC
8
16
Adc
Total Power Dissipation
@ TC = 25_C
Derate above 25
_C
PD
20
0.16
Watts
W/
_C
Total Power Dissipation (1)
@ TA = 25_C
Derate above 25
_C
PD
1.75
0.014
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
6.25
_C/W
Thermal Resistance, Junction to Ambient (1)
R
θJA
71.4
_C/W
Lead Temperature for Soldering
TL
260
_C
(1) These ratings are applicable when surface mounted on the minimum pad size recommended.
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJD44H11/D
© Motorola, Inc. 1995
MJD44H11
MJD45H11
CASE 369A–13
SILICON
POWER TRANSISTORS
8 AMPERES
80 VOLTS
20 WATTS
*Motorola Preferred Device
CASE 369–07
MINIMUM PAD SIZES
RECOMMENDED FOR
SURFACE MOUNTED
APPLICATIONS
inches
mm
*
NPN
PNP
*
REV 2


Similar Part No. - MJD44H11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Rectron Semiconductor
MJD44H11 RECTRON-MJD44H11 Datasheet
302Kb / 2P
   Designed for general purpose power and switching
logo
STMicroelectronics
MJD44H11 STMICROELECTRONICS-MJD44H11 Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON PNP TRANSISTORS
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
logo
Fairchild Semiconductor
MJD44H11 FAIRCHILD-MJD44H11 Datasheet
36Kb / 4P
   General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
More results

Similar Description - MJD44H11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD6036 MOTOROLA-MJD6036 Datasheet
270Kb / 6P
   SILICON POWER TRANSISTORS 4 AMPERES 80 VOLTS 20 WATTS
logo
ON Semiconductor
MJF44H11 ONSEMI-MJF44H11_06 Datasheet
115Kb / 5P
   SILICON POWER TRANSISTORS 10 AMPERES 80 VOLTS, 36 WATTS
April, 2006 ??Rev. 4
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MJD112 MOTOROLA-MJD112 Datasheet
306Kb / 6P
   SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
MJD44E3 MOTOROLA-MJD44E3 Datasheet
80Kb / 4P
   NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
MJE8503A MOTOROLA-MJE8503A Datasheet
89Kb / 4P
   POWER TRANSISTORS 5.0 AMPERES 1500 VOLTS - BVCES 80 WATTS
logo
ON Semiconductor
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
logo
Motorola, Inc
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
MJD122 MOTOROLA-MJD122 Datasheet
284Kb / 8P
   SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com