Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD44H11 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MJD44H11
Description  SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJD44H11 Datasheet(HTML) 5 Page - Motorola, Inc

  MJD44H11 Datasheet HTML 1Page - Motorola, Inc MJD44H11 Datasheet HTML 2Page - Motorola, Inc MJD44H11 Datasheet HTML 3Page - Motorola, Inc MJD44H11 Datasheet HTML 4Page - Motorola, Inc MJD44H11 Datasheet HTML 5Page - Motorola, Inc MJD44H11 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MJD44H11 MJD45H11
5
Motorola Bipolar Power Transistor Device Data
PACKAGE DIMENSIONS
CASE 369A–13
ISSUE W
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
1
2
3
4
V
S
A
K
–T–
SEATING
PLANE
R
B
F
G
D 3 PL
M
0.13 (0.005)
T
C
E
J
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.250
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.033
0.040
0.84
1.01
F
0.037
0.047
0.94
1.19
G
0.090 BSC
2.29 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.350
0.380
8.89
9.65
R
0.175
0.215
4.45
5.46
S
0.050
0.090
1.27
2.28
V
0.030
0.050
0.77
1.27
CASE 369–07
ISSUE K
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
D
A
K
B
R
V
S
F
L
G
2 PL
M
0.13 (0.005)
T
E
C
U
J
H
–T– SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.250
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.033
0.040
0.84
1.01
F
0.037
0.047
0.94
1.19
G
0.180 BSC
4.58 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.102
0.114
2.60
2.89
L
0.090 BSC
2.29 BSC
R
0.175
0.215
4.45
5.46
S
0.020
0.050
0.51
1.27
U
0.020
–––
0.51
–––
V
0.030
0.050
0.77
1.27
Z
0.138
–––
3.51
–––
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
1
2
3
4


Similar Part No. - MJD44H11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Rectron Semiconductor
MJD44H11 RECTRON-MJD44H11 Datasheet
302Kb / 2P
   Designed for general purpose power and switching
logo
STMicroelectronics
MJD44H11 STMICROELECTRONICS-MJD44H11 Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON PNP TRANSISTORS
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
logo
Fairchild Semiconductor
MJD44H11 FAIRCHILD-MJD44H11 Datasheet
36Kb / 4P
   General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
More results

Similar Description - MJD44H11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD6036 MOTOROLA-MJD6036 Datasheet
270Kb / 6P
   SILICON POWER TRANSISTORS 4 AMPERES 80 VOLTS 20 WATTS
logo
ON Semiconductor
MJF44H11 ONSEMI-MJF44H11_06 Datasheet
115Kb / 5P
   SILICON POWER TRANSISTORS 10 AMPERES 80 VOLTS, 36 WATTS
April, 2006 ??Rev. 4
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MJD112 MOTOROLA-MJD112 Datasheet
306Kb / 6P
   SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
MJD44E3 MOTOROLA-MJD44E3 Datasheet
80Kb / 4P
   NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
MJE8503A MOTOROLA-MJE8503A Datasheet
89Kb / 4P
   POWER TRANSISTORS 5.0 AMPERES 1500 VOLTS - BVCES 80 WATTS
logo
ON Semiconductor
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
logo
Motorola, Inc
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
MJD122 MOTOROLA-MJD122 Datasheet
284Kb / 8P
   SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com