Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4617CSE+T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4617CSE+T
Description  High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4617CSE+T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4617CSE+T Datasheet HTML 1Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 2Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 3Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 4Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 5Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 6Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 7Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 8Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MAX4617/MAX4618/MAX4619
High-Speed, Low-Voltage, CMOS Analog
Multiplexers/Switches
3
Maxim Integrated
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(VCC = +4.5V to +5.5V, V_H = 2.4V, V_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
C, E
18
TA = +25°C
Address Transition Time
(Note 6)
tTRANS
ns
VX_, VY_, VZ_ = 3V; RL = 300
Ω; CL = 35pF;
Figure 2
715
C, E
13
TA = +25°C
Enable Turn-Off Time
(Note 6)
tOFF
ns
VX_, VY_, VZ_ = 3V; RL = 300
Ω; CL = 35pF;
Figure 3
4.5
10
C, E
-10
10
C, E
TA = +25°C
18
TA = +25°C
Enable Turn-On Time
(Note 6)
tON
ns
VX_, VY_, VZ_ = 3V; RL = 300
Ω; CL = 35pF;
Figure 3
715
Power-Supply Current
ICC
µA
VCC = 5.5V; VA, VB, VC, VENABLE = VCC or 0
-1
1
PARAMETER
SYMBOL
UNITS
MIN
TYP
MAX
CONDITIONS
TA = +25°C
Break-Before-Make Time
(Note 6)
tBBM
ns
VX_, VY_, VZ_ = 3V; RL = 300
Ω; CL = 35pF;
Figure 4
0.2
1.5
Charge Injection
Q
pC
TA = +25°C
C = 1nF, RS = 0, VS = 0, Figure 5
3
pF
Output Off-Capacitance
CX(OFF),
CY(OFF),
CZ(OFF)
TA = +25°C
VX_, VY_, VZ_ = 0; f = 1MHz;
Figure 7
27
pF
Output On-Capacitance
CX(ON),
CY(ON),
CZ(ON)
TA = +25°C
VX_, VY_, VZ_ = 0; f = 1MHz;
Figure 7
32
MAX4617
MAX4617
dB
Off-Isolation
VISO
TA = +25°C
-93
15
MAX4618
8.5
MAX4619
21
15.5
MAX4619
MAX4618
RL = 50Ω, f = 100kHz, Figure 6
%
Total Harmonic
Distortion
THD
TA = +25°C
RL = 600Ω, 1Vp-p, f = 20Hz to 20kHz
0.017
V
Power-Supply Range
VCC
C, E
+2
+5.5
C, E
Input Current High
IAH, IBH,
ICH,
IENABLE
µA
VA, VB, VC = VENABLE = VCC
-1
0.0003
1
C, E
Input Current Low
IAL, IBL,
ICL,
IENABLE
µA
VA, VB, VC = VENABLE = 0
-1
0.0003
1
Input Off-Capacitance
CX_(OFF),
CY_(OFF),
CZ_(OFF)
pF
TA = +25°C
VX_, VY_, VZ_ = 0; f = 1MHz; Figure 7
5
dB
Channel-to-Channel
Crosstalk
VCT
TA = +25°C
-96
RL = 50Ω, f = 100kHz, Figure 6
POWER SUPPLY
SWITCH DYNAMIC CHARACTERISTICS


Similar Part No. - MAX4617CSE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617CSE+T MAXIM-MAX4617CSE+T Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
More results

Similar Description - MAX4617CSE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4782 MAXIM-MAX4782 Datasheet
348Kb / 16P
   High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers
Rev 3; 2/05
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com