Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4617CSE+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4617CSE+T
Description  High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4617CSE+T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4617CSE+T Datasheet HTML 4Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 5Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 6Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 7Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 8Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 9Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 10Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 11Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MAX4617/MAX4618/MAX4619
High-Speed, Low-Voltage, CMOS Analog
Multiplexers/Switches
8
Maxim Integrated
__________Applications Information
Power-Supply Considerations
Overview
The MAX4617/MAX4618/MAX4619 construction is typi-
cal of most CMOS analog switches. They have two sup-
ply pins: VCC and GND. VCC and GND are used to drive
the internal CMOS switches and set the limits of the ana-
log voltage on any switch. Reverse ESD-protection
diodes are internally connected between each analog-
signal pin and both VCC and GND. If any analog signal
exceeds VCC or GND, one of these diodes conducts.
During normal operation, these and other reverse-
biased ESD diodes leak, forming the only current drawn
from VCC or GND.
Virtually all the analog leakage current comes from the
ESD diodes. Although the ESD diodes on a given signal
pin are identical and therefore fairly well balanced, they
are reverse biased differently. Each is biased by either
VCC or GND and the analog signal. This means their
leakages will vary as the signal varies. The
difference in
the two diode leakages to the VCC and GND pins con-
stitutes the analog-signal-path leakage current. All ana-
log leakage current flows between each pin and one of
the supply terminals, not to the other switch terminal.
This is why both sides of a given switch can show leak-
age currents of either the same or opposite polarity.
VCC and GND power the internal logic and set the input
logic limits. Logic inputs have ESD-protection diodes to
ground.
Note: Input and output pins are identical and interchangeable. Any may be considered an input or output; signals pass equally well
in both directions.
Digital Enable Input. Normally connect to GND. Can be driven
to logic high to set all switches off.
6
6
No Connection. Not Internally connected.
7
7
Ground
8
8
Digital Address “A” Input
10
11
Digital Address “B” Input
9
10
Analog Switch “X” Normally Open Input
Analog Switch “X” Normally Closed Input
Analog Switch “Y” Normally Open Input
Analog Switch “Y” Normally Closed Input
Analog Switch “X” Output
13
Analog Switch “X” Inputs 0–3
12, 14, 15, 11
Analog Switch Output
3
Analog Switch Inputs 0–7
13, 14, 15,
12, 1, 5, 2, 4
FUNCTION
Analog Switch “Z” Normally Closed Input
Analog Switch “Z” Normally Open Input
Analog Switch “Z” Output
Digital Address “C” Input
9
Analog Switch “Y” Inputs 0–3
1, 5, 2, 4
Analog Switch “Y” Output
3
ENABLE
6
N.C.
7
GND
8
A
11
B
10
X1
13
X0
12
Y1
1
Y0
2
X
14
X0, X1, X2, X3
X
X0–X7
NAME
Z0
5
Z1
3
Z
4
C
9
Y0, Y1, Y2, Y3
Y
15
MAX4617
MAX4618
MAX4619
Positive Analog and Digital Supply Voltage Input
16
16
VCC
16
PIN
Pin Description


Similar Part No. - MAX4617CSE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617CSE+T MAXIM-MAX4617CSE+T Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
More results

Similar Description - MAX4617CSE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4782 MAXIM-MAX4782 Datasheet
348Kb / 16P
   High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers
Rev 3; 2/05
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com