Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0308029 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0308029
Description  End cover - D-URTK/S-BEN - 0308029
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0308029 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0308029 Datasheet HTML 1Page - PHOENIX CONTACT 0308029 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0308029
14.05.2012   Page 1 / 2
End cover - D-URTK/S-BEN - 0308029
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
End cover, Length: 61 mm, Width: 2.2 mm, Color: gray
Product description
End cover, Length: 61 mm, Width: 2.2 mm, Color: gray
Key commercial data
Packing unit
1
Minimum order quantity
50
Catalog page
Page 463 (CL1-2011)
GTIN
Weight per piece (including packing)
0.0 GRM
Weight per Piece (excluding packing)
6.63 GRM
Country of origin
GERMANY
Technical data
Product type
End cover
Approval
GOST
Classifications
eclass
eClass 4.0
27141199
eClass 4.1
27141199
eClass 5.0
27141145
eClass 5.1
27141145
eClass 6.0
27141133
etim
ETIM 2.0
EC000886
ETIM 3.0
EC000886
ETIM 4.0
EC000886


Similar Part No. - 0308029

ManufacturerPart #DatasheetDescription
logo
Lumberg
030803 LUMBERG-030803 Datasheet
512Kb / 2P
Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9 und AISG-Spezifikation, IP 68
030803 LUMBERG-030803 Datasheet
369Kb / 4P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
030804 LUMBERG-030804 Datasheet
512Kb / 2P
Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9 und AISG-Spezifikation, IP 68
030804 LUMBERG-030804 Datasheet
369Kb / 4P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
030805 LUMBERG-030805 Datasheet
512Kb / 2P
Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9 und AISG-Spezifikation, IP 68
More results

Similar Description - 0308029

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0309086 PHOENIX-0309086 Datasheet
164Kb / 11P
Component terminal block - URTK/S-BEN - 0309086
0321022 PHOENIX-0321022 Datasheet
45Kb / 2P
End cover - D-URTK/SS - 0321022
0309109 PHOENIX-0309109 Datasheet
76Kb / 6P
Test disconnect terminal block - URTK/S-BEN 10
0309112 PHOENIX-0309112 Datasheet
104Kb / 5P
Disconnect terminal block - URTK-BEN
3026340 PHOENIX-3026340 Datasheet
54Kb / 3P
End cover - D-URTK 6
09/11/2020
3208142 PHOENIX-3208142 Datasheet
56Kb / 3P
End cover - D-PT 1,5/S
09/12/2020
3208579 PHOENIX-3208579 Datasheet
47Kb / 2P
End cover - D-PTTB 1,5/S
07.05.2013
3213894 PHOENIX-3213894 Datasheet
55Kb / 3P
End cover - D-PTTB 1,5/S/4P
09/12/2020
3214664 PHOENIX-3214664 Datasheet
54Kb / 3P
End cover - D-PTTBS 1,5/S-KNX
09/12/2020
3214699 PHOENIX-3214699 Datasheet
44Kb / 2P
End cover - D-PTTBS 1,5/S
11/26/13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com