Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD688 Datasheet(PDF) 6 Page - Analog Devices

Part # AD688
Description  High Precision -10 V Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD688 Datasheet(HTML) 6 Page - Analog Devices

  AD688 Datasheet HTML 1Page - Analog Devices AD688 Datasheet HTML 2Page - Analog Devices AD688 Datasheet HTML 3Page - Analog Devices AD688 Datasheet HTML 4Page - Analog Devices AD688 Datasheet HTML 5Page - Analog Devices AD688 Datasheet HTML 6Page - Analog Devices AD688 Datasheet HTML 7Page - Analog Devices AD688 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD688
REV. A
–6–
Duplication of these results requires a combination of high
accuracy and stable temperature control in a test system.
Evaluation of the AD688 will produce curves similar to those in
Figure 7, but output readings may vary depending on the test
methods and equipment utilized.
KELVIN CONNECTIONS
Force and sense connections, also referred to as Kelvin connec-
tions, offer a convenient method of eliminating the effects of
voltage drops in circuit wires. As seen in Figure 9a, the load
Figure 9. Advantage of Kelvin Connection
current and wire resistance produce an error (VERROR = R × IL)
at the load. The Kelvin connection of Figure 9b overcomes the
problem by including the wire resistance within the forcing loop
of the amplifier and sensing the load voltage. The amplifier
corrects for any errors in the load voltage. In the circuit shown,
the output of the amplifier would actually be at 10 volts + VERROR
and the voltage at the load would be the desired 10 volts.
The AD688 has three amplifiers which can be used to imple-
ment Kelvin connections. Amplifier A2 is dedicated to the
ground force-sense function while uncommitted amplifiers A3
and A4 are free for other force-sense chores.
In some applications, one amplifier may be unused. In such
cases, the unused amplifier should be connected as a unity-gain
follower (force and sense pins tied together) and the input
should be connected to ground.
An unused amplifier may be used for other circuit functions as
well. The curves on this page show the typical performance of
A3 and A4.
A3, A4 CMR vs. Frequency
A3, A4 Open-Loop Frequency
Response
A3, A4 PSR vs. Frequency
Input Noise Voltage Spectral
Density
Unity-Gain Follower Pulse
Response (Large Signal)
Unity-Gain Follower Pulse
Response {Small Signal)
DYNAMIC PERFORMANCE
The output buffer amplifiers (A3 and A4) are designed to pro-
vide the AD688 with static and dynamic load regulation
superior to less complete references.
Many A/D and D/A converters present transient current loads
to the reference, and poor reference response can degrade the
converter’s performance.
Figure 10 displays the characteristic of the AD688 output
amplifier driving a 0-to-10 mA load.
Figure 10a. Transient Load Test Circuit


Similar Part No. - AD688

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD688 AD-AD688 Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
AD688AQ AD-AD688AQ Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
AD688BQ AD-AD688BQ Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
AD688 AD-AD688_15 Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
More results

Similar Description - AD688

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD688 AD-AD688_15 Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
AD587 AD-AD587_15 Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581 AD-AD581_15 Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581SH AD-AD581SH Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581 AD-AD581 Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
REF01 AD-REF01 Datasheet
384Kb / 12P
10 V Precision Voltage Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com