Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD633 Datasheet(PDF) 7 Page - Analog Devices

Part # AD633
Description  Low Cost Analog Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD633 Datasheet(HTML) 7 Page - Analog Devices

  AD633 Datasheet HTML 1Page - Analog Devices AD633 Datasheet HTML 2Page - Analog Devices AD633 Datasheet HTML 3Page - Analog Devices AD633 Datasheet HTML 4Page - Analog Devices AD633 Datasheet HTML 5Page - Analog Devices AD633 Datasheet HTML 6Page - Analog Devices AD633 Datasheet HTML 7Page - Analog Devices AD633 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. B
Typical Characteristics–AD633
–7–
FREQUENCY – Hz
0
–10
–20
–30
100k
10k
1M
10M
CL = 0dB
0dB = 0.1V rms, RL = 2k
CL = 1000pF
NORMAL
CONNECTION
Figure 15. Frequency Response
TEMPERATURE – C
700
600
500
400
300
200
–40
–20
0
20
40
60
80
100
120
140
–60
Figure 16. Input Bias Current vs. Temperature (X, Y, or Z
Inputs)
14
4
12
6
10
8
12
14
16
18
20
PEAK POSITIVE OR NEGATIVE SUPPLY – Volts
ALL INPUTS
OUTPUT, RL
2k
8
10
Figure 17. Input and Output Signal Ranges vs. Supply
Voltages
FREQUENCY – Hz
20
100
1k
10k
100k
1M
TYPICAL
FOR X,Y
INPUTS
30
40
50
60
70
80
90
100
Figure 18. CMRR vs. Frequency
100
1k
10k
100k
10
FREQUENCY – Hz
1.5
1
0.5
0
Figure 19. Noise Spectral Density vs. Frequency
10
100
1k
10k
100k
1M
10M
FREQUENCY – Hz
1000
100
10
1
0
Y-FEEDTHROUGH
X- FEEDTHROUGH
Figure 20. AC Feedthrough vs. Frequency


Similar Part No. - AD633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD633 AD-AD633 Datasheet
903Kb / 21P
   Low Cost Analog Multiplier
Rev. J
AD633 AD-AD633 Datasheet
1Mb / 20P
   Low Cost Analog Multiplier
Rev. K
AD633-EVALZ AD-AD633-EVALZ Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633-EVALZ AD-AD633-EVALZ Datasheet
903Kb / 21P
   Low Cost Analog Multiplier
Rev. J
AD633-EVALZ AD-AD633-EVALZ Datasheet
1Mb / 20P
   Low Cost Analog Multiplier
Rev. K
More results

Similar Description - AD633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD633JRZ AD-AD633JRZ Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633JRZ-R7 AD-AD633JRZ-R7 Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633ARZ-REEL7 AD-AD633ARZ-REEL7 Datasheet
903Kb / 21P
   Low Cost Analog Multiplier
Rev. J
AD633 AD-AD633_15 Datasheet
959Kb / 21P
   Low Cost Analog Multiplier
Rev. J
logo
ON Semiconductor
P2084A ONSEMI-P2084A Datasheet
152Kb / 7P
   Low Cost Frequency Multiplier
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
P2384A PULSECORE-P2384A Datasheet
404Kb / 10P
   Low Cost Frequency Multiplier
logo
ON Semiconductor
P2084 ONSEMI-P2084_11 Datasheet
152Kb / 7P
   Low Cost Frequency Multiplier
JUNE 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2082A ALSC-P2082A Datasheet
395Kb / 9P
   Low Cost Frequency Multiplier
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
   Analog Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com