Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD633 Datasheet(PDF) 6 Page - Analog Devices

Part # AD633
Description  Low Cost Analog Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD633 Datasheet(HTML) 6 Page - Analog Devices

  AD633 Datasheet HTML 1Page - Analog Devices AD633 Datasheet HTML 2Page - Analog Devices AD633 Datasheet HTML 3Page - Analog Devices AD633 Datasheet HTML 4Page - Analog Devices AD633 Datasheet HTML 5Page - Analog Devices AD633 Datasheet HTML 6Page - Analog Devices AD633 Datasheet HTML 7Page - Analog Devices AD633 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. B
AD633
–6–
0.1 F
+15V
f =
EC
10V
kHz
8
7
6
5
1
2
3
4
AD633JN
0.1 F
X1
X2
Y1
Y2
–VS
+VS
W
Z
–15V
(10V) sin
t
C2
0.01 F
R4
16k
R5
16k
C3
0.1 F
0.1 F
+15V
8
7
6
5
1
2
3
4
AD633JN
0.1 F
X1
X2
Y1
Y2
–VS
+VS
W
Z
–15V
R2
16k
EC
R1
1k
(10V) cos
t
D3
1N914
D4
1N914
D2
1N914
D1
1N914
D5
1N95236
0.1 F
R3
330k
Figure 13. Voltage Controlled Quadrature Oscillator
+15V
AD736
0.1 F
CAV
COMMON
OUTPUT
OUTPUT
LEVEL
ADJUST
R8
50k
0.1 F
+15V
8
7
6
5
1
2
3
4
AD633JN
0.1 F
X1
X2
Y1
Y2
–VS
+VS
W
Z
–15V
E
0.1 F
+15V
0.1 F
R5
10k
R6
1k
EOUT
C1
1 F
C4
33 F
–15V
AGC THRESHOLD
ADJUSTMENT
R10
10k
C2
0.02 F
C3
0.2 F
R2
1k
R4
10k
R3
10k
1N4148
0.1 F
R9
10k
1/2
AD712
1/2
AD712
A2
A1
+VS
–VS
CF
VIN
CC
–15V
+15V
1
2
3
45
6
7
8
Figure 14. Connections for Use in Automatic Gain Control Circuit


Similar Part No. - AD633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD633 AD-AD633 Datasheet
903Kb / 21P
   Low Cost Analog Multiplier
Rev. J
AD633 AD-AD633 Datasheet
1Mb / 20P
   Low Cost Analog Multiplier
Rev. K
AD633-EVALZ AD-AD633-EVALZ Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633-EVALZ AD-AD633-EVALZ Datasheet
903Kb / 21P
   Low Cost Analog Multiplier
Rev. J
AD633-EVALZ AD-AD633-EVALZ Datasheet
1Mb / 20P
   Low Cost Analog Multiplier
Rev. K
More results

Similar Description - AD633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD633JRZ AD-AD633JRZ Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633JRZ-R7 AD-AD633JRZ-R7 Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633ARZ-REEL7 AD-AD633ARZ-REEL7 Datasheet
903Kb / 21P
   Low Cost Analog Multiplier
Rev. J
AD633 AD-AD633_15 Datasheet
959Kb / 21P
   Low Cost Analog Multiplier
Rev. J
logo
ON Semiconductor
P2084A ONSEMI-P2084A Datasheet
152Kb / 7P
   Low Cost Frequency Multiplier
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
P2384A PULSECORE-P2384A Datasheet
404Kb / 10P
   Low Cost Frequency Multiplier
logo
ON Semiconductor
P2084 ONSEMI-P2084_11 Datasheet
152Kb / 7P
   Low Cost Frequency Multiplier
JUNE 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2082A ALSC-P2082A Datasheet
395Kb / 9P
   Low Cost Frequency Multiplier
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
   Analog Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com