Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD633 Datasheet(PDF) 5 Page - Analog Devices

Part # AD633
Description  Low Cost Analog Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD633 Datasheet(HTML) 5 Page - Analog Devices

  AD633 Datasheet HTML 1Page - Analog Devices AD633 Datasheet HTML 2Page - Analog Devices AD633 Datasheet HTML 3Page - Analog Devices AD633 Datasheet HTML 4Page - Analog Devices AD633 Datasheet HTML 5Page - Analog Devices AD633 Datasheet HTML 6Page - Analog Devices AD633 Datasheet HTML 7Page - Analog Devices AD633 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. B
AD633
–5–
the basis of voltage controlled integrators and oscillators as will
be shown later in this Applications section. The transfer func-
tion of this circuit has the form
I
R
XX
Y
Y
V
O =
(
)
(
)
1
10
12
1
2
(Equation 7)
Linear Amplitude Modulator
The AD633 can be used as a linear amplitude modulator with
no external components. Figure 10 shows the circuit. The car-
rier and modulation inputs to the AD633 are multiplied to
produce a double-sideband signal. The carrier signal is fed
forward to the AD633’s Z input where it is summed with the
double-sideband signal to produce a double-sideband with carrier
output.
Voltage Controlled Low-Pass and High-Pass Filters
Figure 11 shows a single multiplier used to build a voltage con-
trolled low-pass filter. The voltage at output A is a result of
filtering, ES. The break frequency is modulated by EC, the con-
trol input. The break frequency, f2, equals
f
E
VRC
C
2
20
= ( )π
(Equation 8)
and the rolloff is 6 dB per octave. This output, which is at a
high impedance point, may need to be buffered.
The voltage at output B, the direct output of the AD633, has
same response up to frequency f1, the natural breakpoint of RC
filter,
f
RC
1
1
2
=
π
(Equation 9)
then levels off to a constant attenuation of f1/f2 = EC/10.
0.1 F
+15V
MODULATION
INPUT
EM
W = 1+
EM
10V
8
7
6
5
1
2
3
4
AD633JN
0.1 F
X1
X2
Y1
Y2
–VS
+VS
W
Z
–15V
CARRIER
INPUT
ECsin t
ECsin t
Figure 10. Linear Amplitude Modulator
For example, if R = 8 k
Ω and C = 0.002 µF, then output A has
a pole at frequencies from 100 Hz to 10 kHz for EC ranging
from 100 mV to 10 V. Output B has an additional zero at 10 kHz
(and can be loaded because it is the multiplier’s low impedance
output). The circuit can be changed to a high-pass filter Z inter-
changing the resistor and capacitor as shown in Figure 12 below.
0.1 F
+15V
OUTPUT B =
1 + T1P
8
7
6
5
1
2
3
4
AD633JN
0.1 F
X1
X2
Y1
Y2
–VS
+VS
W
Z
–15V
SIGNAL
INPUT ES
CONTROL
INPUT EC
1 + T2P
R
C
OUTPUT A =
1
1 + T2P
T1 == RC
1
W1
T2 ==
1
W2
10
ECRC
0
dB
f
f2 f1
OUTPUTB
–6dB/OCTAVE
OUTPUTA
Figure 11. Voltage Controlled Low-Pass Filter
0.1 F
+15V
OUTPUT B
8
7
6
5
1
2
3
4
AD633JN
0.1 F
X1
X2
Y1
Y2
–VS
+VS
W
Z
–15V
SIGNAL
INPUT ES
CONTROL
INPUT EC
R
C
OUTPUT A
0
dB
f
f2
f1
OUTPUTB
+6dB/OCTAVE
OUTPUTA
Figure 12. Voltage Controlled High-Pass Filter
Voltage Controlled Quadrature Oscillator
Figure 13 shows two multipliers being used to form integrators
with controllable time constants in a 2nd order differential
equation feedback loop. R2 and R5 provide controlled current
output operation. The currents are integrated in capacitors C1
and C2, and the resulting voltages at high impedance are applied
to the X inputs of the “next” AD633. The frequency control
input, EC, connected to the Y inputs, varies the integrator gains
with a calibration of 100 Hz/V. The accuracy is limited by the
Y-input offsets. The practical tuning range of this circuit is
100:1. C2 (proportional to C1 and C3), R3, and R4 provide
regenerative feedback to start and maintain oscillation. The
diode bridge, D1 through D4 (1N914s), and Zener diode D5
provide economical temperature stabilization and amplitude
stabilization at
±8.5 V by degenerative damping. The out-
put from the second integrator (10 V sin
ωt) has the lowest
distortion.
AGC AMPLIFIERS
Figure 14 shows an AGC circuit that uses an rms-dc converter
to measure the amplitude of the output waveform. The AD633
and A1, 1/2 of an AD712 dual op amp, form a voltage con-
trolled amplifier. The rms dc converter, an AD736, measures
the rms value of the output signal. Its output drives A2, an
integrator/comparator, whose output controls the gain of the
voltage controlled amplifier. The 1N4148 diode prevents the
output of A2 from going negative. R8, a 50 k
Ω variable resistor,
sets the circuit’s output level. Feedback around the loop forces
the voltages at the inverting and noninverting inputs of A2 to be
equal, thus the AGC.


Similar Part No. - AD633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD633 AD-AD633 Datasheet
903Kb / 21P
   Low Cost Analog Multiplier
Rev. J
AD633 AD-AD633 Datasheet
1Mb / 20P
   Low Cost Analog Multiplier
Rev. K
AD633-EVALZ AD-AD633-EVALZ Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633-EVALZ AD-AD633-EVALZ Datasheet
903Kb / 21P
   Low Cost Analog Multiplier
Rev. J
AD633-EVALZ AD-AD633-EVALZ Datasheet
1Mb / 20P
   Low Cost Analog Multiplier
Rev. K
More results

Similar Description - AD633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD633JRZ AD-AD633JRZ Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633JRZ-R7 AD-AD633JRZ-R7 Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633ARZ-REEL7 AD-AD633ARZ-REEL7 Datasheet
903Kb / 21P
   Low Cost Analog Multiplier
Rev. J
AD633 AD-AD633_15 Datasheet
959Kb / 21P
   Low Cost Analog Multiplier
Rev. J
logo
ON Semiconductor
P2084A ONSEMI-P2084A Datasheet
152Kb / 7P
   Low Cost Frequency Multiplier
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
P2384A PULSECORE-P2384A Datasheet
404Kb / 10P
   Low Cost Frequency Multiplier
logo
ON Semiconductor
P2084 ONSEMI-P2084_11 Datasheet
152Kb / 7P
   Low Cost Frequency Multiplier
JUNE 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2082A ALSC-P2082A Datasheet
395Kb / 9P
   Low Cost Frequency Multiplier
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
   Analog Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com