Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL008J Datasheet(PDF) 18 Page - SPANSION

Part # S29AL008J
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL008J Datasheet(HTML) 18 Page - SPANSION

Back Button S29AL008J Datasheet HTML 14Page - SPANSION S29AL008J Datasheet HTML 15Page - SPANSION S29AL008J Datasheet HTML 16Page - SPANSION S29AL008J Datasheet HTML 17Page - SPANSION S29AL008J Datasheet HTML 18Page - SPANSION S29AL008J Datasheet HTML 19Page - SPANSION S29AL008J Datasheet HTML 20Page - SPANSION S29AL008J Datasheet HTML 21Page - SPANSION S29AL008J Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
18
S29AL008J
S29AL008J_00_11 April 12, 2012
Da ta
Sh e e t
7.9
Autoselect Mode
The autoselect mode provides manufacturer and device identification, and sector group protection
verification, through identifier codes output on DQ7–DQ0. This mode is primarily intended for programming
equipment to automatically match a device to be programmed with its corresponding programming algorithm.
However, the autoselect codes can also be accessed in-system through the command register.
When using programming equipment, the autoselect mode requires VID (8.5 V to 12.5 V) on address pin A9.
Address pins A6 and A3–A0 must be as shown in Table 7.6. In addition, when verifying sector group
protection, the sector address must appear on the appropriate highest order address bits (see Table 7.2
on page 16 and Table 7.4 on page 17). Table 7.6 shows the remaining address bits that are don’t care. When
all necessary bits have been set as required, the programming equipment may then read the corresponding
identifier code on DQ7-DQ0.
To access the autoselect codes in-system, the host system can issue the autoselect command via the
command register, as shown in Table 10.1 on page 32. This method does not require VID. See Command
Definitions on page 27 for details on using the autoselect mode.
Legend
L = Logic Low = VIL; H = Logic High = VIH; SA = Sector Address; X = Don’t care
Note
The autoselect codes may also be accessed in-system via command sequences. See Table 10.1 on page 32.
7.10
Sector Group Protection/Unprotection
The hardware sector group protection feature disables both program and erase operations in any sector
group (see Table 7.2 on page 16 to Table 7.5 on page 17). The hardware sector group unprotection feature
re-enables both program and erase operations in previously protected sector groups. Sector group
protection/unprotection can be implemented via two methods.
Sector protection/unprotection requires VID on the RESET# pin only, and can be implemented either in-
system or via programming equipment. Figure 7.2 on page 21 shows the algorithms and Figure 17.11
on page 47 shows the timing diagram. This method uses standard microprocessor bus cycle timing. For
sector group unprotect, all unprotected sector groups must first be protected prior to the first sector group
unprotect write cycle.
The device is shipped with all sector groups unprotected. Spansion offers the option of programming and
protecting sector groups at its factory prior to shipping the device through Spansion Programming Service.
Contact a Spansion representative for details.
It is possible to determine whether a sector group is protected or unprotected. See Autoselect Mode
on page 18 for details.
Table 7.6 S29AL008J Autoselect Codes (High Voltage Method)
Description
Mode
CE#
OE#
WE#
A18
to
A10
A9
A8
to
A7
A6
A5
to
A4
A3
to
A2
A1
A0
DQ8
to
DQ15
DQ7
to
DQ0
Manufacturer ID: Spansion
L
L
H
X
VID
XLXL
L
L
X
01h
Device ID: S29AL008J
(Top Boot Block)
Word
L
L
H
XVID
XLXL
L
H
22h
DAh
Byte
L
L
H
X
DAh
Device ID: S29AL008J
(Bottom Boot Block)
Word
L
L
H
XVID
XLXL
L
H
22h
5Bh
Byte
L
L
H
X
5Bh
Sector Group Protection Verification
L
L
H
SA
VID
XLXL
H
L
X
01h (protected)
X
00h (unprotected)
Secured Silicon Sector Indicator Bit (DQ7) Top
Boot Block
LL
H
X
VID
XLXL
H
H
X
8Eh (factory locked)
0Eh (not factory locked)
Secured Silicon Sector Indicator Bit (DQ7)
Bottom Boot Block
LL
H
X
VID
XLXL
H
H
X
96h (factory locked)
16h (not factory locked)


Similar Part No. - S29AL008J

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Cypress Semiconductor
S29AL008J CYPRESS-S29AL008J Datasheet
744Kb / 50P
   8-Mbit (1M 횞 8-Bit/512K 횞 16-Bit), 3 V, Boot Sector Flash
logo
SPANSION
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL008J

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800D AMD-AM29LV800D Datasheet
1Mb / 51P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 55P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com