Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD586LR Datasheet(PDF) 8 Page - Analog Devices

Part # AD586LR
Description  High Precision 5 V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586LR Datasheet(HTML) 8 Page - Analog Devices

  AD586LR Datasheet HTML 1Page - Analog Devices AD586LR Datasheet HTML 2Page - Analog Devices AD586LR Datasheet HTML 3Page - Analog Devices AD586LR Datasheet HTML 4Page - Analog Devices AD586LR Datasheet HTML 5Page - Analog Devices AD586LR Datasheet HTML 6Page - Analog Devices AD586LR Datasheet HTML 7Page - Analog Devices AD586LR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD586
REV. C
–8–
Figure 15. Precision Current Source
capacitor is required only if the load has a significant capacitive
component. If the load is purely resistive, improved high-
frequency supply rejection results can be obtained by removing
the capacitor.
Figure 16b. Precision High-Current Voltage Source
PRECISION CURRENT SOURCE
The design of the AD586 allows it to be easily configured as a
current source. By choosing the control resistor RC in Figure 15,
you can vary the load current from the quiescent current (2 mA
typically) to approximately 10 mA. The compliance voltage of
this circuit varies from about +5 V to +21 V depending upon
the value of VIN.
PRECISION HIGH CURRENT SUPPLY
For higher currents, the AD586 can easily be connected to a
power PNP or power Darlington PNP device. The circuit in
Figure 16 can deliver up to 4 amps to the load. The 0.1
µF
Figure 16a. Precision High-Current Current Source
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm.)
Mini-DIP (N-8) Package
Cerdip (Q-8) Package
Small Outline (R-8) Package


Similar Part No. - AD586LR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD586LR AD-AD586LR Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
AD586LR AD-AD586LR Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
AD586LR-REEL AD-AD586LR-REEL Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
AD586LR-REEL AD-AD586LR-REEL Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
AD586LR-REEL7 AD-AD586LR-REEL7 Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
More results

Similar Description - AD586LR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD587 AD-AD587 Datasheet
177Kb / 12P
High Precision 10 V Reference
REV. F
AD688 AD-AD688 Datasheet
406Kb / 8P
High Precision -10 V Reference
REV. A
REF02 AD-REF02 Datasheet
454Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
Rev. F
REF02 AD-REF02_05 Datasheet
584Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
Rev. I
AD586 AD-AD586_05 Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
5962-8982401PA AD-5962-8982401PA Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD586 AD-AD586_15 Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
AD587 AD-AD587_15 Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD688 AD-AD688_15 Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com