Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEL5-12SMAZ Datasheet(PDF) 4 Page - AIMTEC

Part # AMEL5-12SMAZ
Description  5 Watt | AC-DC / DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL5-12SMAZ Datasheet(HTML) 4 Page - AIMTEC

  AMEL5-12SMAZ Datasheet HTML 1Page - AIMTEC AMEL5-12SMAZ Datasheet HTML 2Page - AIMTEC AMEL5-12SMAZ Datasheet HTML 3Page - AIMTEC AMEL5-12SMAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AMEL5-MAZ
5 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.I
4 of 4
North America only
Derating
- 40
- 20
0
20
40
60
80
100
100
80
60
40
20
0
50 º C
Safe Operating Area
- 25
85
Free Air Convection
Ambient Temperature º C
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Similar Part No. - AMEL5-12SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-12SMAZ AIMTEC-AMEL5-12SMAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
AMEL5-12SMAZ AIMTEC-AMEL5-12SMAZ Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-12SMAZ AIMTEC-AMEL5-12SMAZ Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEL5-12SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_13 Datasheet
379Kb / 4P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ_13 Datasheet
678Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ Datasheet
320Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com