Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS758XCB Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ACS758XCB
Description  The Allegro ACS758 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS758XCB Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ACS758XCB_12 Datasheet HTML 2Page - Allegro MicroSystems ACS758XCB_12 Datasheet HTML 3Page - Allegro MicroSystems ACS758XCB_12 Datasheet HTML 4Page - Allegro MicroSystems ACS758XCB_12 Datasheet HTML 5Page - Allegro MicroSystems ACS758XCB_12 Datasheet HTML 6Page - Allegro MicroSystems ACS758XCB_12 Datasheet HTML 7Page - Allegro MicroSystems ACS758XCB_12 Datasheet HTML 8Page - Allegro MicroSystems ACS758XCB_12 Datasheet HTML 9Page - Allegro MicroSystems ACS758XCB_12 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Thermally Enhanced, Fully Integrated, Hall Effect-Based
Linear Current Sensor IC with 100 μΩ Current Conductor
ACS758xCB
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
COMMON OPERATING CHARACTERISTICS1 valid at T
OP = –40°C to 150°C and VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage2
VCC
3
5.0
5.5
V
Supply Current
ICC
Output open
10
13.5
mA
Power-On Delay
tPOD
TA = 25°C
10
μs
Rise Time3
tr
IP step = 60% of IP+, 10% to 90% rise time, TA = 25°C,
COUT = 0.47 nF
–3–
μs
Propagation Delay Time3
tPROP
TA = 25°C, COUT = 0.47 nF
1
μs
Response Time
tRESPONSE
Measured as sum of tPROP and tr
–4–
μs
Internal Bandwidth4
BWi
–3 dB; TA = 25°C, COUT = 0.47 nF
120
kHz
Output Load Resistance
RLOAD(MIN)
VIOUT to GND
4.7
Output Load Capacitance
CLOAD(MAX)
VIOUT to GND
10
nF
Primary Conductor Resistance
RPRIMARY
TA = 25°C
100
μΩ
Symmetry3
ESYM
Over half-scale of Ip
99
100
101
%
Quiescent Output Voltage5
VIOUT(QBI)
Bidirectional variant, IP = 0 A, TA = 25°C
VCC/2
V
VIOUT(QUNI)
Unidirectional variant, IP = 0 A, TA = 25°C, VIOUT(QUNI) is
ratiometric to VCC
0.6
V
Ratiometry3
VRAT
VCC = 4.5 to 5.5 V
100
%
1Device is factory-trimmed at 5 V, for optimal accuracy.
2Devices are programmed for maximum accuracy at 5.0 V VCC levels. The device contains ratiometry circuits that accurately alter the 0 A Output Volt-
age and Sensitivity level of the device in proportion to the applied VCC level. However, as a result of minor nonlinearities in the ratiometry circuit ad-
ditional output error will result when VCC varies from the 5 V VCC level. Customers that plan to operate the device from a 3.3 V regulated supply should
contact their local Allegro sales representative regarding expected device accuracy levels under these bias conditions.
3See Characteristic Definitions section of this datasheet.
4Calculated using the formula BWi = 0.35 / tr.
5VIOUT(Q) may drift over the lifetime of the device by as much as ±25 mV.


Similar Part No. - ACS758XCB_12

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS758XCB ALLEGRO-ACS758XCB Datasheet
594Kb / 16P
Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
More results

Similar Description - ACS758XCB_12

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS756 ALLEGRO-ACS756 Datasheet
357Kb / 11P
The Allegro ACS756 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing in industrial, automotive, commercial, and communications systems.
ACS759XCB ALLEGRO-ACS759XCB Datasheet
618Kb / 19P
The Allegro ACS759 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
ACS759 ALLEGRO-ACS759 Datasheet
989Kb / 19P
The Allegro ACS759 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
logo
Alpha & Omega Semicondu...
AOK30B135W1_PR AOSMD-AOK30B135W1_PR Datasheet
63Kb / 2P
The technology of induction heating provides precise cooking
logo
STMicroelectronics
EV-VND5E025AK STMICROELECTRONICS-EV-VND5E025AK Datasheet
164Kb / 9P
The current sensing and diagnostic feedback
EV-VND5E050AJ STMICROELECTRONICS-EV-VND5E050AJ Datasheet
131Kb / 8P
The current sensing and diagnostic feedback
EV-VND5E160AJ STMICROELECTRONICS-EV-VND5E160AJ Datasheet
132Kb / 8P
The current sensing and diagnostic feedback
logo
ASM GmbH
6862 ASM-SENSOR-6862 Datasheet
956Kb / 2P
AC/DC CURRENT SENSOR
logo
DIWELL Electronics Co.,...
DWCS1700 DIWELL-DWCS1700 Datasheet
975Kb / 8P
AC / DC Sensing Current Sensor with Digital Data output
2021/5/31
DWCS1800 DIWELL-DWCS1800 Datasheet
1Mb / 8P
AC / DC Sensing Current Sensor with Digital Data output
2021/5/24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com