Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS758XCB Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ACS758XCB
Description  The Allegro ACS758 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS758XCB Datasheet(HTML) 4 Page - Allegro MicroSystems

  ACS758XCB_12 Datasheet HTML 1Page - Allegro MicroSystems ACS758XCB_12 Datasheet HTML 2Page - Allegro MicroSystems ACS758XCB_12 Datasheet HTML 3Page - Allegro MicroSystems ACS758XCB_12 Datasheet HTML 4Page - Allegro MicroSystems ACS758XCB_12 Datasheet HTML 5Page - Allegro MicroSystems ACS758XCB_12 Datasheet HTML 6Page - Allegro MicroSystems ACS758XCB_12 Datasheet HTML 7Page - Allegro MicroSystems ACS758XCB_12 Datasheet HTML 8Page - Allegro MicroSystems ACS758XCB_12 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Thermally Enhanced, Fully Integrated, Hall Effect-Based
Linear Current Sensor IC with 100 μΩ Current Conductor
ACS758xCB
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Typical Overcurrent Capabilities1,2
Characteristic
Symbol
Notes
Rating
Units
Overcurrent
IPOC
TA = 25°C, 1s duration, 1% duty cycle
1200
A
TA = 85°C, 1s duration, 1% duty cycle
900
A
TA = 150°C, 1s duration, 1% duty cycle
600
A
1Test was done with Allegro evaluation board. The maximum allowed current is limited by TJ(max) only.
2For more overcurrent profiles, please see FAQ on the Allegro website, www.allegromicro.com.
Thermal Characteristics may require derating at maximum conditions
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance
RθJA
Mounted on the Allegro evaluation board with
2800 mm2 (1400 mm2 on component side and
1400 mm2 on opposite side) of 4 oz. copper con-
nected to the primary leadframe and with thermal
vias connecting the copper layers. Performance
is based on current flowing through the primary
leadframe and includes the power consumed by
the PCB.
7
ºC/W
*Additional thermal information available on the Allegro website


Similar Part No. - ACS758XCB_12

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS758XCB ALLEGRO-ACS758XCB Datasheet
594Kb / 16P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
More results

Similar Description - ACS758XCB_12

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS759XCB ALLEGRO-ACS759XCB Datasheet
618Kb / 19P
   The Allegro ACS759 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
ACS759 ALLEGRO-ACS759 Datasheet
989Kb / 19P
   The Allegro ACS759 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
ACS756 ALLEGRO-ACS756 Datasheet
357Kb / 11P
   The Allegro ACS756 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing in industrial, automotive, commercial, and communications systems.
logo
DIWELL Electronics Co.,...
DWCS1700 DIWELL-DWCS1700 Datasheet
975Kb / 8P
   AC / DC Sensing Current Sensor with Digital Data output
2021/5/31
DWCS1800 DIWELL-DWCS1800 Datasheet
1Mb / 8P
   AC / DC Sensing Current Sensor with Digital Data output
2021/5/24
logo
Alpha & Omega Semicondu...
AOK30B135W1_PR AOSMD-AOK30B135W1_PR Datasheet
63Kb / 2P
   The technology of induction heating provides precise cooking
logo
ASM GmbH
6862 ASM-SENSOR-6862 Datasheet
956Kb / 2P
   AC/DC CURRENT SENSOR
logo
STMicroelectronics
EV-VND5E025AK STMICROELECTRONICS-EV-VND5E025AK Datasheet
164Kb / 9P
   The current sensing and diagnostic feedback
EV-VND5E160AJ STMICROELECTRONICS-EV-VND5E160AJ Datasheet
132Kb / 8P
   The current sensing and diagnostic feedback
EV-VND5E050AJ STMICROELECTRONICS-EV-VND5E050AJ Datasheet
131Kb / 8P
   The current sensing and diagnostic feedback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com