Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD28MSP01 Datasheet(PDF) 23 Page - Analog Devices

Part # AD28MSP01
Description  PSTN Signal Port
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP01 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD28MSP01 Datasheet HTML 19Page - Analog Devices AD28MSP01 Datasheet HTML 20Page - Analog Devices AD28MSP01 Datasheet HTML 21Page - Analog Devices AD28MSP01 Datasheet HTML 22Page - Analog Devices AD28MSP01 Datasheet HTML 23Page - Analog Devices AD28MSP01 Datasheet HTML 24Page - Analog Devices AD28MSP01 Datasheet HTML 25Page - Analog Devices AD28MSP01 Datasheet HTML 26Page - Analog Devices AD28MSP01 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD28msp01
REV. A
–23–
NOISE AND DISTORTION
Parameter
Min
Typ
Max
Unit
ADC Signal-to-Noise Ratio
+72
+80
dB
ADC Total Harmonic Distortion
–72
dB
DAC Signal-to-Noise Ratio
+72
+80
dB
DAC Total Harmonic Distortion
–72
dB
ADC Idle Channel Noise
–80
–72
dBm0
DAC Idle Channel Noise
–80
–72
dBm0
ADC Crosstalk
1
–72
dB
DAC Crosstalk
1
–72
dB
ADC Intermodulation Distortion
1
dB
DAC Intermodulation Distortion
1
–72
dB
ADC Digital Power Supply Rejection
1
–45
dB
DAC Digital Power Supply Rejection
1
–45
dB
ADC Analog Power Supply Rejection
1
–35
dB
DAC Analog Power Supply Rejection
1
–35
dB
1Guaranteed but not tested
V
IN – dBm0
17dB
80
–10
3.17
10
0
–55
–60
20
30
40
50
60
70
0
–5
–10
–15
–20
–30
–35
–40
–45
–50
–25
Figure 22. Typical SNR vs. VIN
GROUP DELAY*
9.6 kHz
8.0 kHz
7.2 kHz
Unit
ADC Group Delay
12
13
15
ms
ADC Low-Pass Filter Group Delay
2
3
5
ms
ADC High-Pass Filter Group Delay
10
10
10
ms
DAC Group Delay
2
3
5
ms
Resampling Filter Group Delay
2
3
5
ms
*Group Delay is guaranteed but not tested.


Similar Part No. - AD28MSP01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
AD28MSP02BN AD-AD28MSP02BN Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
AD28MSP02BR AD-AD28MSP02BR Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
AD28MSP02KN AD-AD28MSP02KN Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
AD28MSP02KR AD-AD28MSP02KR Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
More results

Similar Description - AD28MSP01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
logo
Bel Fuse Inc.
0803-7700-03 BEL-0803-7700-03 Datasheet
151Kb / 2P
VDSL / PSTN CO Splitter
0803-7700-05 BEL-0803-7700-05 Datasheet
153Kb / 2P
VDSL / PSTN CPE Splitter
0803-7700-11 BEL-0803-7700-11 Datasheet
151Kb / 2P
VDSL / PSTN CO Splitter
logo
List of Unclassifed Man...
AG2120 ETC1-AG2120 Datasheet
246Kb / 14P
FULLY FEATURED PSTN INTERFACE
AG2130 ETC2-AG2130 Datasheet
322Kb / 11P
LOW COST PSTN INTERFACE
logo
Cynergy3 Co
SC-ISOCON3 CYNERGY3-SC-ISOCON3 Datasheet
190Kb / 1P
3 Port Isolating Signal Converter
SC-ISOCON6 CYNERGY3-SC-ISOCON6 Datasheet
190Kb / 1P
3 Port Isolating Signal Converter
logo
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
FULLY FEATURED PSTN INTERFACE
AG2130 SILVERTEL-AG2130 Datasheet
154Kb / 11P
Low Cost PSTN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com