Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD28MSP01 Datasheet(PDF) 19 Page - Analog Devices

Part # AD28MSP01
Description  PSTN Signal Port
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP01 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD28MSP01 Datasheet HTML 15Page - Analog Devices AD28MSP01 Datasheet HTML 16Page - Analog Devices AD28MSP01 Datasheet HTML 17Page - Analog Devices AD28MSP01 Datasheet HTML 18Page - Analog Devices AD28MSP01 Datasheet HTML 19Page - Analog Devices AD28MSP01 Datasheet HTML 20Page - Analog Devices AD28MSP01 Datasheet HTML 21Page - Analog Devices AD28MSP01 Datasheet HTML 22Page - Analog Devices AD28MSP01 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD28msp01
REV. A
–19–
DIGITAL INTERFACE ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
Test Condition
VIH
Input High Voltage
2.4
V
VDD = max
VIL
Input Low Voltage
0.8
V
VDD = min
VOH
Output High Voltage
2.4
V
VDD = min, IOH = –0.5 mA
VOL
Output Low Voltage
0.4
V
VDD = min, IOL = 2 mA
IIH
High Level Input Current
10
µAV
DD = max, VIN = max
IIL
Low Level Input Current
10
µAV
DD = max, VIN = 0 V
IOZL
Low Level Output 3-State Leakage Current
10
µAV
DD = max, VIN = max
IOZH
High Level Output 3-State Leakage Current
10
µAV
DD = max, VIN = 0 V
CI
Digital Input Capacitance
1
10
pF
1Guaranteed but not tested.
ANALOG INTERFACE ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
ADC:
IL
Input Leakage Current at VIN
10
nA
RI
Input Resistance at VIN
100
M
CIL
Input Load Capacitance at VFB
10
pF
VINMAX
Maximum Input Range
1
3.156
V p-p
DAC:
Ro
Output Resistance
1
VOFF
Output DC Offset
2
–400
400
mV
COL
Output Load Capacitance
100
pF
VO
Maximum Voltage Output Swing (p-p) Across RL
Single-Ended
3.156
V
Differential
6.312
V
RL
Load Resistance
2
k
Test Conditions for all analog interface tests: Unity input gain, no load on analog output (VOUTP–VOUTN).
1At unity gain on input.
2Between V
OUTP and VOUTN.
POWER DISSIPATION
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Analog Operating Voltage
4.75
5.0
5.25
V
VDD
Digital Operating Voltage
4.75
5.0
5.25
V
ICC
Analog Operating Current Active
1
24
35
mA
IDD
Digital Operating Current Active1
11
20
mA
P1
Power Dissipation Active’
350
mW
ICC
Analog Operating Current Inactive
2
300
µA
IDD
Digital Operating Current Inactive2
200
µA
P0
Power Dissipation Inactive
2
4.0
mW
Test conditions: VDD = VCC = 5.0 V, MCLK frequency 13.824 MHz, no load on digital pins, analog inputs ac-coupled to ground, no load on analog output
(VOUTP–VOUTN).
1Active: AD28msp01 operational (PWDD and PWDA set to 1 in Control Register 1).
2Inactive: AD28msp01 in power-down state (PWDD and PWDA set to 0 in Control Register 1) and MCLK tied to V
DD.


Similar Part No. - AD28MSP01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02BN AD-AD28MSP02BN Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02BR AD-AD28MSP02BR Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02KN AD-AD28MSP02KN Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02KR AD-AD28MSP02KR Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
More results

Similar Description - AD28MSP01

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0803-7700-03 BEL-0803-7700-03 Datasheet
151Kb / 2P
   VDSL / PSTN CO Splitter
0803-7700-05 BEL-0803-7700-05 Datasheet
153Kb / 2P
   VDSL / PSTN CPE Splitter
0803-7700-11 BEL-0803-7700-11 Datasheet
151Kb / 2P
   VDSL / PSTN CO Splitter
logo
Silver Telecom 2019
AG2130 SILVERTEL-AG2130 Datasheet
154Kb / 11P
   Low Cost PSTN Interface
logo
List of Unclassifed Man...
AG2120 ETC1-AG2120 Datasheet
246Kb / 14P
   FULLY FEATURED PSTN INTERFACE
AG2130 ETC2-AG2130 Datasheet
322Kb / 11P
   LOW COST PSTN INTERFACE
logo
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
logo
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
logo
Cynergy3 Co
SC-ISOCON6 CYNERGY3-SC-ISOCON6 Datasheet
190Kb / 1P
   3 Port Isolating Signal Converter
SC-ISOCON3 CYNERGY3-SC-ISOCON3 Datasheet
190Kb / 1P
   3 Port Isolating Signal Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com