Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD28MSP01 Datasheet(PDF) 15 Page - Analog Devices

Part # AD28MSP01
Description  PSTN Signal Port
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP01 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD28MSP01 Datasheet HTML 11Page - Analog Devices AD28MSP01 Datasheet HTML 12Page - Analog Devices AD28MSP01 Datasheet HTML 13Page - Analog Devices AD28MSP01 Datasheet HTML 14Page - Analog Devices AD28MSP01 Datasheet HTML 15Page - Analog Devices AD28MSP01 Datasheet HTML 16Page - Analog Devices AD28MSP01 Datasheet HTML 17Page - Analog Devices AD28MSP01 Datasheet HTML 18Page - Analog Devices AD28MSP01 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD28msp01
REV. A
–15–
FROM MODEM TX
TO MODEM RX
AD28msp01
A/D
DATA
REGISTER 2
CONTROL
REGISTER 4
RX PHASE ADJUST
ANALOG IN
MCLK
16
16
DSP Processor
D/A
DATA
REGISTER 0
16
ANALOG OUT
TCONV
TBIT
TBAUD
PHASE ADJUST
TX CLOCKS
TX CLOCKS
RCONV
RBIT
RBAUD
PHASE ADJUST
CONVERT
START
RX CLOCKS
FROM MODEM TX
TO MODEM RX
CONVERT
START
CONTROL
REGISTER 5
TX PHASE ADJUST
16
Figure 11. Asynchronous Fallback Mode Block Diagram
Operating Mode Summary
Table III summarizes the operating modes.
Table III. Operating Mode Summary
Internal Filter
Initial Phase
Phase Adjust
Operation
Control
Lock After
Normal DPLL* Register
Resampling
Synchronous To:
Register 0
Mode
Entering Mode
Operation
Programmable†
Interpolator
ADC
DAC
OP 2-0
Async Fallback
no phase lock
no phase lock
RCV, TX
not used
RCONV
TCONV
0 0 0
Async TSYNC
TCONV lock
TCONV lock
RCV
not used
RCONV
TCONV
1 1 1
to TSYNC
to TSYNC
V.32 TSYNC
RCONV lock
TCONV lock
RCV
Input synchronous
TCONV
TCONV
1 0 0
to TCONV
to TSYNC
and in phase with
TCONV, Output
synchronous and in
phase with RCONV
V.32 Internal Sync RCONV lock
no phase lock
RCV, TX
Input synchronous
TCONV
TCONV
1 0 1
to TCONV
and in phase with
TCONV, Output
synchronous and in
phase with RCONV
V.32 Loopback
TCONV lock
no phase lock
RCV††
not used
TCONV
TCONV
1 1 0
to RCONV
NOTES
*DPLL—Digital Phase-Locked loop.
†RCV phase adjusted via Control Register 4, TX phase adjusted via Control Register 5.
††Adjusting RCV phase also adjusts TX phase in this mode.
Note: All receive clocks: RBIT, RBAUD are synchronous to RCONV. All transmit clocks: TBIT, TBAUD are synchronous to TCONV.


Similar Part No. - AD28MSP01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
AD28MSP02BN AD-AD28MSP02BN Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
AD28MSP02BR AD-AD28MSP02BR Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
AD28MSP02KN AD-AD28MSP02KN Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
AD28MSP02KR AD-AD28MSP02KR Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
More results

Similar Description - AD28MSP01

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0803-7700-03 BEL-0803-7700-03 Datasheet
151Kb / 2P
VDSL / PSTN CO Splitter
0803-7700-05 BEL-0803-7700-05 Datasheet
153Kb / 2P
VDSL / PSTN CPE Splitter
0803-7700-11 BEL-0803-7700-11 Datasheet
151Kb / 2P
VDSL / PSTN CO Splitter
logo
Silver Telecom 2019
AG2130 SILVERTEL-AG2130 Datasheet
154Kb / 11P
Low Cost PSTN Interface
logo
List of Unclassifed Man...
AG2120 ETC1-AG2120 Datasheet
246Kb / 14P
FULLY FEATURED PSTN INTERFACE
AG2130 ETC2-AG2130 Datasheet
322Kb / 11P
LOW COST PSTN INTERFACE
logo
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
FULLY FEATURED PSTN INTERFACE
logo
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
logo
Cynergy3 Co
SC-ISOCON6 CYNERGY3-SC-ISOCON6 Datasheet
190Kb / 1P
3 Port Isolating Signal Converter
SC-ISOCON3 CYNERGY3-SC-ISOCON3 Datasheet
190Kb / 1P
3 Port Isolating Signal Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com