Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD28MSP01 Datasheet(PDF) 11 Page - Analog Devices

Part # AD28MSP01
Description  PSTN Signal Port
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP01 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD28MSP01 Datasheet HTML 7Page - Analog Devices AD28MSP01 Datasheet HTML 8Page - Analog Devices AD28MSP01 Datasheet HTML 9Page - Analog Devices AD28MSP01 Datasheet HTML 10Page - Analog Devices AD28MSP01 Datasheet HTML 11Page - Analog Devices AD28MSP01 Datasheet HTML 12Page - Analog Devices AD28MSP01 Datasheet HTML 13Page - Analog Devices AD28MSP01 Datasheet HTML 14Page - Analog Devices AD28MSP01 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD28msp01
REV. A
–11–
V.32 TSYNC Mode
In V.32 TSYNC Mode, shown in Figure 7, the AD28msp01’s
transmit circuitry is synchronized to an external TSYNC signal.
The AD28msp01 receive circuitry is sampled synchronous to
the transmit circuitry, but the data can be resampled at a differ-
ent phase by using the resampling interpolation filter.
TCONV, TBIT and TBAUD are generated internally but are
phase-locked to the external TSYNC input signal with the digi-
tal phase-locked loop. RCONV, RBIT and RBAUD are gener-
ated internally (but frequency locked to TSYNC) and can be
phase adjusted with the Receive Phase Adjust Register (Control
Register 4).
TCONV initiates a new DAC sample update, loads the ADC
register (Data Register 2), and loads the DAC register (Data
Register 0) with a new sample.
The digital resampling interpolation filter can be used for digital
resampling of the received signal. Enable this function by setting
Bit 9 in Control Register 0. The phase of the resampled signal is
adjusted with the Receive Phase Adjust Register. Samples are
loaded into the interpolator at the TCONV rate and are resampled
at the RCONV rate.
When entering V.32 TSYNC Mode, RCONV is locked to
TCONV before TCONV is locked to TSYNC. If this mode is
entered from a non-V.32 mode, the device performs a soft reset.
The time required to lock TCONV to RCONV is dependent on
the phase difference between RCONV and TCONV when en-
tering the mode.
This mode is entered by setting the Operating Mode field in
Control Register 0. The RCONV/TCONV rate can be set to
9.6 kHz, 8.0 kHz or 7.2 kHz by setting the sample rate bit field
in Control Register 0. The TBIT and TBAUD clock rates are
set by adjusting the appropriate bits in Control Register 3. The
RBIT and RBAUD clock rates are set by adjusting the appropri-
ate bits in Control Register 2. The bit rates, baud rates and
TSYNC rate can be set to any combination of clock rates listed
in the control register descriptions. The TSYNC field on Con-
trol Register 0 must be set to the frequency of the input pin.
Example
Transferring the following word sequence to the AD28msp01
will configure the device for V.32 TSYNC Mode at the clock
rates indicated:
Word
Transferred
Description
0x0000
Control Register 0 address word
0x0254
Enable interpolation filter, TSYNC = 7200,
sample rate = 7200, mode = V.32 TSYNC
0x0002
Control Register 2 address word
0x0002
RBAUD = 2400, RBIT = 7200
0x0003
Control Register 3 address word
0x0023
TBAUD = 1200, TBIT = 4800
0x0001
Control Register 1 address word
0x0018
Configure and power-up device
ECHO
CANCELLATION
TO MODEM RX
FROM MODEM TX
DATA
REGISTER 1
DATA
REGISTER 3
PHASE
ADJUST
INTERPOLATION
FILTER
AD28msp01
A/D
DATA
REGISTER 2
CONTROL
REGISTER 4
RX PHASE ADJUST
RX CLOCKS
ANALOG IN
TX CLOCKS
MCLK
TCONV
TBIT
TBAUD
PHASE ADJUST
D/A
DATA
REGISTER 0
16
ANALOG OUT
CONVERT
START
16
16
16
16
16
16
16
DSP Processor
DIGITAL PHASE
LOCKED LOOP
RCONV
RBIT
RBAUD
PHASE ADJUST
RX CLOCKS
TX CLOCKS
TSYNC
Figure 7. V.32 TSYNC Mode Block Diagram


Similar Part No. - AD28MSP01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
AD28MSP02BN AD-AD28MSP02BN Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
AD28MSP02BR AD-AD28MSP02BR Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
AD28MSP02KN AD-AD28MSP02KN Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
AD28MSP02KR AD-AD28MSP02KR Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
More results

Similar Description - AD28MSP01

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0803-7700-03 BEL-0803-7700-03 Datasheet
151Kb / 2P
VDSL / PSTN CO Splitter
0803-7700-05 BEL-0803-7700-05 Datasheet
153Kb / 2P
VDSL / PSTN CPE Splitter
0803-7700-11 BEL-0803-7700-11 Datasheet
151Kb / 2P
VDSL / PSTN CO Splitter
logo
Silver Telecom 2019
AG2130 SILVERTEL-AG2130 Datasheet
154Kb / 11P
Low Cost PSTN Interface
logo
List of Unclassifed Man...
AG2120 ETC1-AG2120 Datasheet
246Kb / 14P
FULLY FEATURED PSTN INTERFACE
AG2130 ETC2-AG2130 Datasheet
322Kb / 11P
LOW COST PSTN INTERFACE
logo
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
FULLY FEATURED PSTN INTERFACE
logo
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
logo
Cynergy3 Co
SC-ISOCON6 CYNERGY3-SC-ISOCON6 Datasheet
190Kb / 1P
3 Port Isolating Signal Converter
SC-ISOCON3 CYNERGY3-SC-ISOCON3 Datasheet
190Kb / 1P
3 Port Isolating Signal Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com