Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD28MSP01 Datasheet(PDF) 10 Page - Analog Devices

Part # AD28MSP01
Description  PSTN Signal Port
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP01 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD28MSP01 Datasheet HTML 6Page - Analog Devices AD28MSP01 Datasheet HTML 7Page - Analog Devices AD28MSP01 Datasheet HTML 8Page - Analog Devices AD28MSP01 Datasheet HTML 9Page - Analog Devices AD28MSP01 Datasheet HTML 10Page - Analog Devices AD28MSP01 Datasheet HTML 11Page - Analog Devices AD28MSP01 Datasheet HTML 12Page - Analog Devices AD28MSP01 Datasheet HTML 13Page - Analog Devices AD28MSP01 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD28msp01
REV. A
–10–
Data Register 1
address = 0x07
Interpolation Filter Input Register (write-only): The 16-bit twos
complement values written to this register are input to the
resampling interpolation filter.
Data Register 2
address = 0x08
ADC Output Register (read-only): The 16-bit twos complement
values read from this register are the output of the AD28msp01’s
analog-to-digital converter.
Data Register 3
address = 0x09
Interpolation Filter Output Register (read-only): The 16-bit
twos complement values read from this register are the output of
the resampling interpolation filter.
Addresses 0x0A—0x1F are reserved.
Table II contains the register addresses.
Table II. Register Addresses
Address
Bits 4–0 Register
Description
00000
Control Register 0 Data rate and synchronization
rate selects, interpolation filter
enable
00001
Control Register 1 Filter bypass, test, power-down
mode bits, V.32ter mode select
bits
00010
Control Register 2 ADC bit and baud rate selects
00011
Control Register 3 DAC bit and baud rate selects
00100
Control Register 4 Receive phase adjust
00101
Control Register 5 Transmit phase adjust
00110
Data Register 0
DAC input register
00111
Data Register 1
Interpolation filter input register
01000
Data Register 2
ADC output register
01001
Data Register 3
Interpolation filter output register
01010
Reserved
. . . .
. . . . . . . .
. . . .
. . . . . . . .
11111
Reserved
Transferring Data and Control Words to the AD28msp01
Data and control word transfers to the AD28msp01 can only be
initiated by the host processor. When transferring data to the
AD28msp01, the host processor specifies the destination regis-
ter by first transmitting a 16-bit address word (Figure 6) and
then transmitting the 16-bit data word. The read/write bit in the
address word must be deasserted. The serial data stream from
the host processor will consist of a sequence of alternating ad-
dress and data words. The AD28msp01 will not write the target
register until both the address word and data word are com-
pletely transferred.
0
0000
0
0
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
READ/WRITE
1 = read
0 = write
Address bits [4...0]
See Table I.
Figure 6. Address Word
Example
Transferring the following 16-bit words to the AD28msp01 will
initialize Control Registers 0–3.
Word Transferred
Description
0x0000
Control Register 0 Address Word
0x0254
Write this value to Control Register 0
0x0002
Control Register 2 Address Word
0x0031
Write this value to Control Register 2
0x0003
Control Register 3 Address Word
0x0032
Write this value to Control Register 3
0x0001
Control Register 1 Address Word
0x0018
Write this value to Control Register 1
Note that in this example the power-down bits in Control Regis-
ter 1 are released (set to 1) only after the AD28msp01 is fully
configured by writing to Control Registers 0, 2, and 3.
Transferring Data from the AD28msp01 to the Host
Data transfers to the host processor can only be initiated by the
AD28msp01. When transferring data the AD28msp01 first
specifies the source register by transferring a 16-bit address
word and then transfers the contents of the source register. Bits
5–14 of the address word will always be forced to zero. When
transferring data, the serial data stream from the AD28msp01
will consist of a sequence of alternating address and data words.
Transferring Control Words from the AD28msp01 to the Host
All control registers in the AD28msp01 are host-readable. To
read a control register, the host must transmit a 16-bit address
word with the Read/ Write bit set, then transmit a dummy data
word. The AD28msp01 will respond by first completing any
AD28msp01-to-Host transfer in progress. As soon as the
dummy data word is received, the device will transfer a 16-bit
word with the control register address and then transmit the
contents of the control register.
Example
The following data streams show how a host can read the con-
tents of an AD28msp01 control register:
Host
AD28msp01
Transfer
Transfer
Description
0x8001
Read Control Register 1
0x1234
Dummy data word
0x
AD28msp01 completes data
0x
Transfer in progress
0x0001
Address word
0x0023
Contents of Control Register 1
Serial Port Timing
All serial transfers are synchronous. The receive data (SDI) and
receive frame sync (SDIFS) are clocked into the device on the
falling edge of SCLK. The receive frame sync (SDIFS) must be
asserted one SCLK cycle before the first data bit is transferred.
When receiving data, the AD28msp01 ignores the receive frame
sync pin until the least significant bit is being received.
When transmitting data, the AD28msp01 asserts transmit frame
sync (SDOFS) and transmit data (SDO) synchronous with the
rising edge of SCLK. Transmit frame sync is transmitted one
SCLK cycle before the first data bit is transferred.
Operating Modes
The AD28msp01 is capable of operating in several different
modes, as described below.


Similar Part No. - AD28MSP01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
AD28MSP02BN AD-AD28MSP02BN Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
AD28MSP02BR AD-AD28MSP02BR Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
AD28MSP02KN AD-AD28MSP02KN Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
AD28MSP02KR AD-AD28MSP02KR Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
More results

Similar Description - AD28MSP01

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0803-7700-03 BEL-0803-7700-03 Datasheet
151Kb / 2P
VDSL / PSTN CO Splitter
0803-7700-05 BEL-0803-7700-05 Datasheet
153Kb / 2P
VDSL / PSTN CPE Splitter
0803-7700-11 BEL-0803-7700-11 Datasheet
151Kb / 2P
VDSL / PSTN CO Splitter
logo
Silver Telecom 2019
AG2130 SILVERTEL-AG2130 Datasheet
154Kb / 11P
Low Cost PSTN Interface
logo
List of Unclassifed Man...
AG2120 ETC1-AG2120 Datasheet
246Kb / 14P
FULLY FEATURED PSTN INTERFACE
AG2130 ETC2-AG2130 Datasheet
322Kb / 11P
LOW COST PSTN INTERFACE
logo
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
FULLY FEATURED PSTN INTERFACE
logo
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
Voiceband Signal Port
REV. 0
logo
Cynergy3 Co
SC-ISOCON6 CYNERGY3-SC-ISOCON6 Datasheet
190Kb / 1P
3 Port Isolating Signal Converter
SC-ISOCON3 CYNERGY3-SC-ISOCON3 Datasheet
190Kb / 1P
3 Port Isolating Signal Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com