Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP4-114A Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # CP4-114A
Description  Cold Plate Four-pass Heatsink
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

CP4-114A Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  CP4-114A Datasheet HTML 1Page - Ohmite Mfg. Co. CP4-114A Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
2
CP Series
Cold Plate Four-pass Heatsink
C hara C teri S ti CS
S erie S SP e C i F i C ati ONS
LIQUID
COOLED
HEATSINK
The Ohmite CP4 series Liquid Coldplates are
designed for Ohmite heatsinkable type resistors,
such as TAP600, TAP800, TA1K0, TA2K0, and vari-
ous SOT-227 resistor packages. The CP series also
provides maximum heat removal for SCRs, rectifiers,
diodes, thyristors, and other high-power semicon-
ductor devices. The CP series is customizable to fit
multiple applications. Length and mounting hole pat-
terns can be specified.
Tubing Copper, 0.375” OD, nominal wall thickness of 0.050”
Plate Aluminum 6063-T5
Weight 805 g
Mounting Surface
Weight
Ohmite Resistor
Thermal
Part Number
Area (in2/mm2)
(oz/g)
Series
Resistance* (°C/W)
CP4-114A
19.13/12339
28.4/805
0.43
CP4-114B
19.13/12339
28.4/805
TAP600/TAP800
0.43
CP4-114C
19.13/12339
28.4/805
TAP1K0/TAP2K0
0.43
* @ flow of 1.5 GPM
Fea ture S
•DesignedforOhmiteproducts,Predrilledholepat-
terns for standard Ohmite planar resistors TAP600/
TAP800 and TAP1K0/TAP2K0.
•Designflexibility,ChillPlatelengthscanbeconfig-
ured as well as mounting hole patterns to accept a
multitude of devices.
•Thermalefficientdesign,Exposedcoppertubing
on the mounting surface for the most efficient heat
transfer.


Similar Part No. - CP4-114A

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
CP4-114A OHMITE-CP4-114A Datasheet
436Kb / 2P
Designed for Ohmite products
CP4-114A OHMITE-CP4-114A Datasheet
436Kb / 2P
Cold Plate Four-pass Heatsink
More results

Similar Description - CP4-114A

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
CP-SERIES OHMITE-CP-SERIES Datasheet
436Kb / 2P
Cold Plate Four-pass Heatsink
logo
List of Unclassifed Man...
CEM3328 ETC-CEM3328 Datasheet
186Kb / 2P
FOUR POLE LOW PASS VCF
logo
Microsemi Corporation
K3420B1EB1S MICROSEMI-K3420B1EB1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
logo
Adlink Technology Inc.
HPERC-KBL-MC ADLINK-HPERC-KBL-MC Datasheet
486Kb / 3P
Extreme Rugged Cold Plate Mount System and MIL-DTL-38999 Connectors
logo
Maxim Integrated Produc...
MAX6620EVCMAXQU MAXIM-MAX6620EVCMAXQU Datasheet
667Kb / 11P
Uses Four External Low-Cost PNP Pass Transistors
Rev 0; 3/08
logo
Lapp.
53113500 LAPP-53113500 Datasheet
256Kb / 2P
SKINTOP® COLD M / COLD-R M
02.12.2021
logo
Pepperl+Fuchs Inc.
LB9112A PF-LB9112A Datasheet
463Kb / 1P
Cold Junction Module
2020-03-30
logo
List of Unclassifed Man...
WK1V-115-020 ETC2-WK1V-115-020 Datasheet
85Kb / 2P
COLD CAPILLARY CONTROLS
logo
Bi technologies
143-131A BITECH-143-131A Datasheet
388Kb / 3P
COLD JUNCTION COMPENSATION MODULE
logo
OEN India Limited
04-CW07-50 OENINDIA-04-CW07-50 Datasheet
385Kb / 1P
Cold Weather Cable Ties
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com