Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W91F820N Datasheet(PDF) 9 Page - Winbond

Part # W91F820N
Description  13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91F820N Datasheet(HTML) 9 Page - Winbond

Back Button W91F820N Datasheet HTML 5Page - Winbond W91F820N Datasheet HTML 6Page - Winbond W91F820N Datasheet HTML 7Page - Winbond W91F820N Datasheet HTML 8Page - Winbond W91F820N Datasheet HTML 9Page - Winbond W91F820N Datasheet HTML 10Page - Winbond W91F820N Datasheet HTML 11Page - Winbond W91F820N Datasheet HTML 12Page - Winbond W91F820N Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Preliminary W91F820N SERIES
Publication Release Date: January 1999
- 9 -
Revision A1
DC CHARACTERISTICS
(VDD
−VSS = 2.5V, Fosc. = 3.58 MHz, TA = 25° C, all outputs unloaded)
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Voltage
VDD
-
2.4
-
5.5
V
Operating Current
IOP
Tone
-
0.4
0.6
mA
Pulse
-
0.2
0.4
mA
Standby Current
ISB
HKS = 0, No load &
No key entry
-
-
15
µA
Memory Retention Current
IMR
HKS = 1, VDD = 1.0V
-
-
1
µA
Tone Output Voltage
VTO
Row group, RL = 5 K
130
150
170
mVrms
Pre-emphasis
Col/Row, VDD = 2.0
−5.5V
1
2
3
dB
DTMF Distortion
THD
RL = 5 K
Ω, VDD = 2.0−
5.5V
-
-30
-23
dB
DTMF Output DC Level
VTDC
RL = 5 K
Ω, VDD = 2.0−
5.5V
1.0
-
3.0
V
DTMF Output Sink Current
ITL
VTO = 0.5V
0.2
-
-
mA
DP
Output Sink Current
IPL
VPO = 0.5V
0.5
-
-
mA
T/P MUTE Output Sink
Current
IML
VMO = 0.5V
0.5
-
-
mA
KT Drive/Sink Current
IKTH
VKTH = 2.0V
0.5
-
-
mA
IKTL
VKTL = 0.5V
0.5
-
-
mA
HFO Drive/Sink Current
IHFH
VHFH = 2.0V
0.5
-
-
mA
IHFL
VHFL = 0.5V
0.5
-
-
mA
H/P MUTE
IHPH
VHPH = 2.0V
0.5
-
-
mA
Drive/Sink Current
IHPL
VHPL = 0.5V
0.5
-
-
mA
Keypad Input Drive Current
IKD
VI = 0V
4
-
-
µA
HKS Pull High Resister
RHKS
300
500
-
K
Keypad Input Sink Current
IKS
VI = 2.5V
200
400
-
µA
Keypad Resistance
-
-
5.0
K


Similar Part No. - W91F820N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91F810ALN WINBOND-W91F810ALN Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F810AN WINBOND-W91F810AN Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F810LN WINBOND-W91F810LN Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F810N WINBOND-W91F810N Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F811ALN WINBOND-W91F811ALN Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
More results

Similar Description - W91F820N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F810N WINBOND-W91F810N Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91810N WINBOND-W91810N Datasheet
238Kb / 26P
   23-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91590 WINBOND-W91590 Datasheet
226Kb / 20P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91580 WINBOND-W91580 Datasheet
216Kb / 19P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com