Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH4009 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # MCH4009
Description  UHF to X Band Low-Noise Amplifier and OSC Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH4009 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  MCH4009 Datasheet HTML 1Page - Sanyo Semicon Device MCH4009 Datasheet HTML 2Page - Sanyo Semicon Device MCH4009 Datasheet HTML 3Page - Sanyo Semicon Device MCH4009 Datasheet HTML 4Page - Sanyo Semicon Device MCH4009 Datasheet HTML 5Page - Sanyo Semicon Device MCH4009 Datasheet HTML 6Page - Sanyo Semicon Device MCH4009 Datasheet HTML 7Page - Sanyo Semicon Device MCH4009 Datasheet HTML 8Page - Sanyo Semicon Device MCH4009 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MCH4009
No. A0389-5/15
S Parameters (Common emitter)
VCE=1V, IC=5mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
500
0.801
-49.4
10.891
140.0
0.046
63.0
0.783
-36.9
1000
0.662
-87.0
8.137
115.4
0.071
46.0
0.571
-58.5
1500
0.567
-113.5
6.269
98.7
0.083
37.4
0.431
-72.5
2000
0.521
-131.1
4.982
86.7
0.091
32.9
0.346
-82.4
2500
0.479
-147.7
4.152
77.3
0.097
30.1
0.294
-91.0
3000
0.461
-160.2
3.534
68.0
0.102
28.1
0.253
-95.9
3500
0.454
-170.5
3.096
60.2
0.107
27.1
0.223
-100.3
4000
0.450
-179.1
2.762
52.9
0.113
25.3
0.201
-103.1
4500
0.445
173.1
2.524
45.8
0.120
24.0
0.178
-106.4
5000
0.437
165.9
2.327
38.7
0.127
21.9
0.161
-109.5
5500
0.426
158.4
2.132
32.0
0.135
18.9
0.161
-112.6
6000
0.409
147.6
2.059
24.2
0.143
16.1
0.130
-124.6
6500
0.401
135.5
1.948
16.5
0.152
12.1
0.121
-137.7
7000
0.408
121.5
1.840
8.4
0.157
7.8
0.117
-154.8
7500
0.435
108.4
1.725
0.5
0.161
3.3
0.117
-171.6
8000
0.466
97.5
1.613
-7.2
0.164
-0.9
0.112
168.6
8500
0.509
90.3
1.513
-14.4
0.168
-5.5
0.114
148.9
9000
0.541
84.6
1.412
-21.3
0.169
-9.8
0.117
127.8
9500
0.568
80.7
1.338
-27.7
0.172
-13.7
0.132
107.8
10000
0.588
75.4
1.276
-34.8
0.175
-18.9
0.164
91.3
10500
0.599
70.5
1.213
-42.0
0.173
-24.2
0.201
82.3
11000
0.610
60.8
1.150
-49.4
0.176
-29.9
0.240
77.0
11500
0.622
51.5
1.093
-57.0
0.177
-36.1
0.275
74.3
12000
0.653
41.6
1.029
-65.3
0.172
-42.7
0.311
70.8
12500
0.687
33.1
0.959
-72.8
0.167
-48.5
0.331
67.0
13000
0.711
27.0
0.886
-80.1
0.161
-53.6
0.347
60.4
13500
0.741
23.6
0.824
-86.4
0.158
-58.4
0.351
52.6
14000
0.757
22.1
0.774
-92.9
0.154
-63.4
0.364
42.7
14500
0.757
20.6
0.725
-98.7
0.157
-67.6
0.382
33.0
15000
0.758
19.4
0.684
-104.8
0.159
-73.0
0.404
27.4


Similar Part No. - MCH4009

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4009 SANYO-MCH4009 Datasheet
72Kb / 13P
   UHF to X Band Low-Noise Amplifier and OSC Applications
logo
ON Semiconductor
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
More results

Similar Description - MCH4009

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4013 SANYO-MCH4013_12 Datasheet
450Kb / 6P
   UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4009 SANYO-MCH4009 Datasheet
72Kb / 13P
   UHF to X Band Low-Noise Amplifier and OSC Applications
EC4H07CA SANYO-EC4H07CA Datasheet
64Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5782 SANYO-2SC5782 Datasheet
42Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC6024 SANYO-2SC6024 Datasheet
84Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
2SC5645 SANYO-2SC5645 Datasheet
32Kb / 6P
   UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H07BA SANYO-EC3H07BA Datasheet
99Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5647 SANYO-2SC5647 Datasheet
36Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H06B SANYO-EC3H06B Datasheet
44Kb / 5P
   UHF to S Band Low-Noise Amplifier and OSC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com