Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH4009 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # MCH4009
Description  UHF to X Band Low-Noise Amplifier and OSC Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH4009 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button MCH4009 Datasheet HTML 4Page - Sanyo Semicon Device MCH4009 Datasheet HTML 5Page - Sanyo Semicon Device MCH4009 Datasheet HTML 6Page - Sanyo Semicon Device MCH4009 Datasheet HTML 7Page - Sanyo Semicon Device MCH4009 Datasheet HTML 8Page - Sanyo Semicon Device MCH4009 Datasheet HTML 9Page - Sanyo Semicon Device MCH4009 Datasheet HTML 10Page - Sanyo Semicon Device MCH4009 Datasheet HTML 11Page - Sanyo Semicon Device MCH4009 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MCH4009
No. A0389-8/15
S Parameters (Common emitter)
VCE=1V, IC=30mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
500
0.489
-105.9
19.643
115.2
0.031
55.0
0.490
-66.6
1000
0.453
-142.8
11.260
94.8
0.044
52.3
0.286
-93.3
1500
0.441
-161.4
7.725
83.4
0.056
52.4
0.202
-111.9
2000
0.435
-172.7
5.906
74.8
0.068
52.5
0.158
-126.9
2500
0.432
176.2
4.789
67.3
0.082
50.9
0.135
-139.4
3000
0.433
168.2
4.041
60.3
0.094
48.4
0.117
-149.3
3500
0.435
161.4
3.509
53.7
0.105
46.0
0.099
-159.4
4000
0.434
155.5
3.125
47.3
0.117
43.0
0.083
-168.8
4500
0.433
150.1
2.821
40.9
0.129
39.6
0.069
176.7
5000
0.426
144.2
2.604
34.4
0.140
35.6
0.059
161.8
5500
0.415
137.6
2.447
28.0
0.151
31.5
0.052
150.0
6000
0.411
127.7
2.271
20.7
0.163
26.3
0.065
132.1
6500
0.413
116.6
2.129
13.3
0.173
20.9
0.083
126.0
7000
0.432
104.5
1.989
5.7
0.180
15.3
0.108
119.9
7500
0.465
93.9
1.860
-1.6
0.186
9.8
0.129
112.7
8000
0.500
85.4
1.723
-8.7
0.189
4.4
0.155
102.6
8500
0.541
80.1
1.608
-15.5
0.192
-0.5
0.181
92.0
9000
0.569
76.0
1.506
-21.8
0.194
-5.8
0.206
80.5
9500
0.594
72.9
1.428
-27.7
0.197
-10.6
0.235
70.8
10000
0.613
68.4
1.342
-34.5
0.199
-16.4
0.272
63.4
10500
0.622
63.8
1.280
-41.0
0.197
-21.3
0.308
58.2
11000
0.638
54.6
1.215
-47.9
0.197
-27.7
0.338
55.5
11500
0.650
45.6
1.155
-55.1
0.198
-34.2
0.364
53.8
12000
0.682
36.4
1.088
-62.7
0.192
-41.3
0.392
51.6
12500
0.715
28.4
1.013
-69.8
0.185
-46.9
0.406
47.7
13000
0.736
23.0
0.938
-76.7
0.179
-52.2
0.420
41.5
13500
0.760
20.1
0.872
-82.6
0.177
-57.0
0.424
34.2
14000
0.772
18.9
0.822
-88.7
0.173
-61.9
0.440
25.2
14500
0.773
17.5
0.773
-94.1
0.174
-66.2
0.452
16.9
15000
0.771
16.3
0.756
-99.3
0.177
-71.7
0.470
10.3


Similar Part No. - MCH4009

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4009 SANYO-MCH4009 Datasheet
72Kb / 13P
   UHF to X Band Low-Noise Amplifier and OSC Applications
logo
ON Semiconductor
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
More results

Similar Description - MCH4009

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4013 SANYO-MCH4013_12 Datasheet
450Kb / 6P
   UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4009 SANYO-MCH4009 Datasheet
72Kb / 13P
   UHF to X Band Low-Noise Amplifier and OSC Applications
EC4H07CA SANYO-EC4H07CA Datasheet
64Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5782 SANYO-2SC5782 Datasheet
42Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC6024 SANYO-2SC6024 Datasheet
84Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
2SC5645 SANYO-2SC5645 Datasheet
32Kb / 6P
   UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H07BA SANYO-EC3H07BA Datasheet
99Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5647 SANYO-2SC5647 Datasheet
36Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H06B SANYO-EC3H06B Datasheet
44Kb / 5P
   UHF to S Band Low-Noise Amplifier and OSC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com