Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV56831P Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV56831P
Description  For Car Audio Systems Multi Voltage Regulator IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV56831P Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV56831P_12 Datasheet HTML 1Page - Sanyo Semicon Device LV56831P_12 Datasheet HTML 2Page - Sanyo Semicon Device LV56831P_12 Datasheet HTML 3Page - Sanyo Semicon Device LV56831P_12 Datasheet HTML 4Page - Sanyo Semicon Device LV56831P_12 Datasheet HTML 5Page - Sanyo Semicon Device LV56831P_12 Datasheet HTML 6Page - Sanyo Semicon Device LV56831P_12 Datasheet HTML 7Page - Sanyo Semicon Device LV56831P_12 Datasheet HTML 8Page - Sanyo Semicon Device LV56831P_12 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
52312 SY/30712 SY/O2611 SY 20111014-S00007 No.A1983-1/9
LV56831P
Overview
The LV56831P has 4 system regulator, VDD 5V(3.3V), AUDIO(8.5V), AMP remote(12V) and REG(3.3V/5V select).
About protection circuits, it has Over-current-protection, Over-voltage-protection and Thermal-shut-down. AMP remote
and REG supply is independent terminal from VCC.,
Features
• 4 system regulator
VDD(LCD micon) : VOUT 5.0V(3.3V), IO max 300mA, reverse current prevention.
Audio
: VOUT 8.5V, IO max 400mA
AMP remote
: VOUT 12V, IO max 500mA
REG3.3/5V
: VOUT 3.3V(5V), IO max 500mA
• Over-current-protection
• Over-voltage-protection: Typ 21V(except VDD)
• Thermal-shut-down Typ 175ºC
• Applied Pch-LDMOS for output stages.
(Warning)The protector functions only improve the IC’s tolerance and they do not guarantee the safety of the IC if used under the conditions out of safety
range or ratings. Use of the IC such as use under overcurrent protection range or thermal shut down state may degrade the IC’s reliability and eventually
damage the IC.
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Conditions
Conditions
Ratings
Unit
Supply voltage
VCC max
36
V
Allowable Power dissipation
Pd max
(*Ta
≤ 25°C)
IC unit
1.3
W
With Al heatsink(50×50×1.5mm
3)
5.3
W
Infinite heat rediation
26
W
Peak supply voltage
VCC peak
See below pulse wave.
50
V
Operating ambient temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
Junction temperature
Tj max
150
°C
Monolithic Linear IC
For Car Audio Systems
Multi Voltage Regulator IC
Ordering number : ENA1983B


Similar Part No. - LV56831P_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P Datasheet
171Kb / 9P
For Car Audio Systems Multi Voltage Regulator IC
logo
ON Semiconductor
LV56831P ONSEMI-LV56831P Datasheet
377Kb / 9P
Multi Voltage Regulator IC for Car Audio Systems
August, 2013
More results

Similar Description - LV56831P_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5683P SANYO-LV5683P Datasheet
171Kb / 9P
For Car Audio Systems Multi Voltage Regulator IC
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
LV56831P SANYO-LV56831P Datasheet
171Kb / 9P
For Car Audio Systems Multi Voltage Regulator IC
LV5684PVD SANYO-LV5684PVD Datasheet
208Kb / 12P
For Car Audio Systems Multi-Power Supply IC
LV5686PVC SANYO-LV5686PVC Datasheet
186Kb / 14P
For Car Audio Systems Multi-Power Supply IC
LV5696P SANYO-LV5696P Datasheet
190Kb / 14P
For Car Audio Systems Multi-Power Supply IC
logo
ON Semiconductor
LV5684PVD ONSEMI-LV5684PVD Datasheet
256Kb / 12P
Multi-Power Supply IC for Car Audio Systems
August, 2013
LV5686PVC ONSEMI-LV5686PVC Datasheet
188Kb / 14P
Multi-Power Supply IC for Car Audio Systems
August, 2013
LV56831P ONSEMI-LV56831P Datasheet
377Kb / 9P
Multi Voltage Regulator IC for Car Audio Systems
August, 2013
LV56841PVD ONSEMI-LV56841PVD Datasheet
331Kb / 15P
For Car Audio Systems Multi-Power Supply IC
August, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com