Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV56831P Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LV56831P
Description  For Car Audio Systems Multi Voltage Regulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV56831P Datasheet(HTML) 8 Page - Sanyo Semicon Device

  LV56831P_12 Datasheet HTML 1Page - Sanyo Semicon Device LV56831P_12 Datasheet HTML 2Page - Sanyo Semicon Device LV56831P_12 Datasheet HTML 3Page - Sanyo Semicon Device LV56831P_12 Datasheet HTML 4Page - Sanyo Semicon Device LV56831P_12 Datasheet HTML 5Page - Sanyo Semicon Device LV56831P_12 Datasheet HTML 6Page - Sanyo Semicon Device LV56831P_12 Datasheet HTML 7Page - Sanyo Semicon Device LV56831P_12 Datasheet HTML 8Page - Sanyo Semicon Device LV56831P_12 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LV56831P
No.A1983-8/9
HZIP15 Heat sink attachment
Heat sinks are used to lower the semiconductor device junction temperature by leading the head generated by the device to
the outer environment and dissipating that heat.
a.
Unless otherwise specified, for power ICs with tabs and power ICs with attached heat sinks, solder must not be
applied to the heat sink or tabs.
b.
Heat sink attachment
· Use flat-head screws to attach heat sinks.
· Use also washer to protect the package.
· Use tightening torques in the ranges 39-59Ncm(4-6kgcm) .
· If tapping screws are used, do not use screws with a diameter larger
than the holes in the semiconductor device itself.
· Do not make gap, dust, or other contaminants to get between the
semiconductor device and the tab or heat sink.
· Take care a position of via hole .
· Do not allow dirt, dust, or other contaminants to get between the
semiconductor device and the tab or heat sink.
· Verify that there are no press burrs or screw-hole burrs on the heat sink.
· Warping in heat sinks and printed circuit boards must be no more than
0.05 mm between screw holes, for either concave or convex warping.
· Twisting must be limited to under 0.05 mm.
· Heat sink and semiconductor device are mounted in parallel.
Take care of electric or compressed air drivers
· The speed of these torque wrenches should never exceed 700 rpm, and
should typically be about 400 rpm.
c.
Silicone grease
· Spread the silicone grease evenly when mounting heat sinks.
· Sanyo recommends YG-6260 (Momentive Performance Materials Japan LLC)
d.
Mount
· First mount the heat sink on the semiconductor device, and then mount that assembly on the printed circuit board.
· When attaching a heat sink after mounting a semiconductor device into the printed circuit board, when tightening
up a heat sink with the screw, the mechanical stress which is impossible to the semiconductor device and the pin
doesn't hang.
e.
When mounting the semiconductor device to the heat sink using jigs, etc.,
· Take care not to allow the device to ride onto the jig or positioning dowel.
· Design the jig so that no unreasonable mechanical stress is not applied to the semiconductor device.
f.
Heat sink screw holes
· Be sure that chamfering and shear drop of heat sinks must not be larger than the diameter of screw head used.
· When using nuts, do not make the heat sink hole diameters larger than the diameter of the head of the screws used.
A hole diameter about 15% larger than the diameter of the screw is desirable.
· When tap screws are used, be sure that the diameter of the holes in the heat sink are not too small. A diameter about
15% smaller than the diameter of the screw is desirable.
g.
There is a method to mount the semiconductor device to the heat sink by using a spring band. But this method is not
recommended because of possible displacement due to fluctuation of the spring force with time or vibration.
Binding head
machine screw
Countersunk head
mashine screw
Heat sink
gap
Via hole


Similar Part No. - LV56831P_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P Datasheet
171Kb / 9P
   For Car Audio Systems Multi Voltage Regulator IC
logo
ON Semiconductor
LV56831P ONSEMI-LV56831P Datasheet
377Kb / 9P
   Multi Voltage Regulator IC for Car Audio Systems
August, 2013
More results

Similar Description - LV56831P_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5683P SANYO-LV5683P Datasheet
171Kb / 9P
   For Car Audio Systems Multi Voltage Regulator IC
logo
ON Semiconductor
LV56831P ONSEMI-LV56831P Datasheet
377Kb / 9P
   Multi Voltage Regulator IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P Datasheet
171Kb / 9P
   For Car Audio Systems Multi Voltage Regulator IC
LV5696P SANYO-LV5696P Datasheet
190Kb / 14P
   For Car Audio Systems Multi-Power Supply IC
LV5684PVD SANYO-LV5684PVD Datasheet
208Kb / 12P
   For Car Audio Systems Multi-Power Supply IC
LV5686PVC SANYO-LV5686PVC Datasheet
186Kb / 14P
   For Car Audio Systems Multi-Power Supply IC
logo
ON Semiconductor
LV5684PVD ONSEMI-LV5684PVD Datasheet
256Kb / 12P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
LV5686PVC ONSEMI-LV5686PVC Datasheet
188Kb / 14P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
LV56841PVD ONSEMI-LV56841PVD Datasheet
331Kb / 15P
   For Car Audio Systems Multi-Power Supply IC
August, 2014
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com