Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55GN01MA Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 55GN01MA
Description  UHF Wide-band Low-noise Amplifier Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

55GN01MA Datasheet(HTML) 4 Page - Sanyo Semicon Device

  55GN01MA_12 Datasheet HTML 1Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 2Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 3Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 4Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 5Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 6Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 7Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
55GN01MA
No. A1114-4/8
S Parameters (Common emitter)
VCE=5V, IC=5mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.830
-43.97
13.127
147.99
0.038
67.23
0.872
-22.91
200
0.694
-77.62
10.294
125.90
0.060
54.39
0.700
-35.46
400
0.540
-117.92
6.419
101.76
0.081
48.13
0.501
-44.05
600
0.481
-140.06
4.518
88.76
0.095
49.82
0.424
-46.75
800
0.461
-155.07
3.503
78.58
0.111
52.28
0.393
-49.83
1000
0.451
-165.52
2.877
70.19
0.128
54.96
0.381
-53.19
1200
0.445
-174.34
2.452
62.66
0.146
56.81
0.375
-57.17
1400
0.445
178.04
2.147
56.03
0.168
58.15
0.377
-61.74
1600
0.445
171.32
1.918
49.61
0.189
58.43
0.382
-66.69
1800
0.445
164.86
1.737
43.71
0.211
58.38
0.386
-71.55
2000
0.449
158.60
1.595
38.11
0.237
58.17
0.390
-76.75
2200
0.452
152.58
1.467
32.97
0.265
57.40
0.396
-82.35
2400
0.450
146.68
1.363
28.29
0.289
56.02
0.399
-87.23
2600
0.453
141.54
1.274
24.12
0.315
55.05
0.402
-92.59
2800
0.462
136.46
1.198
20.67
0.346
53.73
0.407
-98.30
3000
0.472
131.80
1.143
17.49
0.377
51.74
0.405
-104.52
VCE=5V, IC=10mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.684
-64.81
20.386
135.46
0.033
61.46
0.746
-32.56
200
0.537
-103.63
13.552
113.26
0.046
54.93
0.530
-42.92
400
0.442
-139.55
7.523
93.84
0.066
56.90
0.365
-45.97
600
0.418
-156.47
5.145
83.67
0.087
60.27
0.318
-46.89
800
0.415
-167.86
3.934
75.21
0.109
62.42
0.302
-49.45
1000
0.412
-175.67
3.211
67.90
0.131
63.30
0.299
-52.76
1200
0.411
177.29
2.725
61.28
0.155
63.24
0.299
-56.97
1400
0.415
171.08
2.375
55.21
0.179
62.62
0.304
-61.81
1600
0.418
165.63
2.121
49.25
0.203
61.52
0.311
-66.89
1800
0.419
159.97
1.918
43.74
0.228
60.43
0.315
-71.68
2000
0.424
154.44
1.760
38.40
0.254
58.94
0.320
-76.83
2200
0.429
148.97
1.619
33.44
0.281
57.20
0.326
-82.56
2400
0.427
143.60
1.506
28.88
0.304
55.14
0.329
-86.87
2600
0.431
139.13
1.408
24.76
0.329
53.64
0.334
-92.16
2800
0.441
134.54
1.327
21.16
0.358
51.96
0.339
-97.67
3000
0.451
130.40
1.266
17.89
0.386
49.84
0.338
-103.91
VCE=5V, IC=20mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.527
-90.16
26.224
123.28
0.026
59.94
0.598
-40.43
200
0.438
-127.59
15.340
104.33
0.037
60.44
0.396
-45.63
400
0.399
-155.68
8.065
89.00
0.060
65.69
0.282
-44.29
600
0.393
-167.56
5.453
80.60
0.084
67.76
0.256
-44.57
800
0.397
-176.18
4.149
73.14
0.109
68.31
0.250
-47.52
1000
0.398
177.84
3.379
66.41
0.134
67.71
0.252
-51.39
1200
0.401
172.13
2.862
60.19
0.159
66.77
0.255
-55.96
1400
0.406
166.95
2.491
54.45
0.186
65.32
0.262
-61.04
1600
0.411
162.22
2.222
48.82
0.210
63.20
0.270
-66.49
1800
0.414
157.06
2.008
43.51
0.235
61.52
0.275
-71.29
2000
0.419
152.07
1.840
38.32
0.261
59.51
0.282
-76.53
2200
0.425
146.91
1.693
33.45
0.288
57.59
0.289
-82.27
2400
0.424
141.87
1.574
29.00
0.312
55.28
0.293
-86.65
2600
0.429
137.61
1.472
24.92
0.336
53.54
0.298
-91.76
2800
0.438
133.38
1.387
21.39
0.365
51.63
0.304
-97.07
3000
0.449
129.47
1.321
18.07
0.392
49.39
0.303
-103.60


Similar Part No. - 55GN01MA_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
55GN01MA-TL-E ONSEMI-55GN01MA-TL-E Datasheet
308Kb / 8P
RF Transistor
August, 2013
55GN01MA-TL-E ONSEMI-55GN01MA-TL-E Datasheet
308Kb / 8P
RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
More results

Similar Description - 55GN01MA_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
55GN01S SANYO-55GN01S Datasheet
31Kb / 6P
UHF Wide-band Low-noise Amplifier Applications
55GN01C SANYO-55GN01C Datasheet
46Kb / 6P
UHF Wide-band Low-noise Amplifier Applications
2SC4405 SANYO-2SC4405 Datasheet
100Kb / 4P
UHF Low-Noise, Wide-Band Amplifier Applications???????
55GN01FA SANYO-55GN01FA_12 Datasheet
513Kb / 9P
UHF Wide-band Low-noise Amplifier Applications
55GN01M SANYO-55GN01M Datasheet
29Kb / 5P
UHF Wide-band Low-noise Amplifier Applications
55GN01NA SANYO-55GN01NA Datasheet
56Kb / 6P
UHF Wide-band Low-noise Amplifier Applications
55GN01FA SANYO-55GN01FA Datasheet
59Kb / 8P
UHF Wide-band Low-noise Amplifier Applications
55GN01CA SANYO-55GN01CA_12 Datasheet
404Kb / 8P
UHF Wide-band Low-noise Amplifier Applications
2SC5489 SANYO-2SC5489 Datasheet
31Kb / 3P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com