Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55GN01MA Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 55GN01MA
Description  UHF Wide-band Low-noise Amplifier Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

55GN01MA Datasheet(HTML) 2 Page - Sanyo Semicon Device

  55GN01MA_12 Datasheet HTML 1Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 2Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 3Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 4Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 5Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 6Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 7Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
55GN01MA
No. A1114-2/8
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=10V, IE=0A
0.1
μA
Emitter Cutoff Current
IEBO
VEB=2V, IC=0A
1
μA
DC Current Gain
hFE
VCE=5V, IC=10mA
100
180
Gain-Bandwidth Product
fT1VCE=3V, IC=5mA
3.0
4.5
GHz
fT2VCE=5V, IC=20mA
5.5
GHz
Output Capacitance
Cob
VCB=10V, f=1MHz
1.0
1.3
pF
Reverse Transfer Capacitance
Cre
0.6
pF
Forward Transfer Gain
⏐S21e⏐
2
VCE=5V, IC=20mA, f=1GHz
7
10
dB
Noise Figure
NF
VCE=3V, IC=5mA, f=1GHz, ZO=50Ω
1.9
2.8
dB
Ordering Information
Device
Package
Shipping
memo
55GN01MA-TL-E
MCP
3,000pcs./reel
Pb Free
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
hFE -- IC
f T -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
0123456789
10
0
5
10
15
20
25
30
35
40
45
50
IT06252
IB=0mA
0.30mA
0.25mA
0.20mA
0.15mA
0.10mA
0.05mA
0
0.2
0.4
0.6
0.8
1.0
1.2
0
80
70
60
50
40
30
20
10
IT06253
VCE=5V
IT06254
100
2
7
5
3
1.0
35
7
2
3
5
7
10
23
5
7 100
VCE=5V
1.0
5
7
10
2
3
1.0
23
5
7
2
3
5
7
10
100
IT05670
VCE=5V


Similar Part No. - 55GN01MA_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
55GN01MA-TL-E ONSEMI-55GN01MA-TL-E Datasheet
308Kb / 8P
   RF Transistor
August, 2013
55GN01MA-TL-E ONSEMI-55GN01MA-TL-E Datasheet
308Kb / 8P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
More results

Similar Description - 55GN01MA_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
55GN01S SANYO-55GN01S Datasheet
31Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
55GN01C SANYO-55GN01C Datasheet
46Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
2SC4405 SANYO-2SC4405 Datasheet
100Kb / 4P
   UHF Low-Noise, Wide-Band Amplifier Applications???????
55GN01FA SANYO-55GN01FA_12 Datasheet
513Kb / 9P
   UHF Wide-band Low-noise Amplifier Applications
55GN01M SANYO-55GN01M Datasheet
29Kb / 5P
   UHF Wide-band Low-noise Amplifier Applications
55GN01NA SANYO-55GN01NA Datasheet
56Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
55GN01FA SANYO-55GN01FA Datasheet
59Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
55GN01CA SANYO-55GN01CA_12 Datasheet
404Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
2SC5489 SANYO-2SC5489 Datasheet
31Kb / 3P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com