Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55GN01MA Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # 55GN01MA
Description  UHF Wide-band Low-noise Amplifier Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

55GN01MA Datasheet(HTML) 7 Page - Sanyo Semicon Device

  55GN01MA_12 Datasheet HTML 1Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 2Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 3Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 4Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 5Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 6Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 7Page - Sanyo Semicon Device 55GN01MA_12 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
55GN01MA
No. A1114-7/8
Outline Drawing
Land Pattern Example
55GN01MA-TL-E
Mass (g) Unit
0.006
* For reference mm
Unit: mm
0.65 0.65
0.7


Similar Part No. - 55GN01MA_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
55GN01MA-TL-E ONSEMI-55GN01MA-TL-E Datasheet
308Kb / 8P
RF Transistor
August, 2013
55GN01MA-TL-E ONSEMI-55GN01MA-TL-E Datasheet
308Kb / 8P
RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
More results

Similar Description - 55GN01MA_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4405 SANYO-2SC4405 Datasheet
100Kb / 4P
UHF Low-Noise, Wide-Band Amplifier Applications???????
2SC5489 SANYO-2SC5489 Datasheet
31Kb / 3P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
55GN01S SANYO-55GN01S Datasheet
31Kb / 6P
UHF Wide-band Low-noise Amplifier Applications
55GN01C SANYO-55GN01C Datasheet
46Kb / 6P
UHF Wide-band Low-noise Amplifier Applications
55GN01M SANYO-55GN01M Datasheet
29Kb / 5P
UHF Wide-band Low-noise Amplifier Applications
55GN01FA SANYO-55GN01FA Datasheet
59Kb / 8P
UHF Wide-band Low-noise Amplifier Applications
55GN01NA SANYO-55GN01NA Datasheet
56Kb / 6P
UHF Wide-band Low-noise Amplifier Applications
55GN01CA SANYO-55GN01CA_12 Datasheet
404Kb / 8P
UHF Wide-band Low-noise Amplifier Applications
55GN01FA SANYO-55GN01FA_12 Datasheet
513Kb / 9P
UHF Wide-band Low-noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com