Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02982001Z Datasheet(PDF) 1 Page - Littelfuse

Part # 02982001Z
Description  Fuseholders
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

02982001Z Datasheet(HTML) 1 Page - Littelfuse

  02982001Z Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
31
Fuseholders
87.2
101.6
6.35 DIA
10.2
MEGA
LITTELFUSE
87.2
MEGA
LITTELFUSE
101.6
6.35 DIA
10.2
38.2
MEGA
LITTELFUSE
2981000 Series*
2982000 Series*
4.8
41.0
51.4
65.8
498900 Series*
MEGA® Fuse Fuseholders
Specifications
Electrical: Use with MEGA® Fuses from 40 to 500 amps
Part No.: 2981000 Series Single holder
2982000 Series Dual holders
2983000 Series Triple holders
Body: Glass Filled thermoplastic
Body Color: Black
Cover with Tether: Glass Filled Thermoplastic
Cover Color: Black
Ambient Temp.: -40˚C to +125˚C
Fuse Mounting: M8 Threaded Stud and Hex Nuts or
M6 Threaded Hex Nuts
Cover Opening Positions: - 6 total - location optional
Side Stackable Feature
Holder Mounting Dimensions: Optional
MIDI® Fuse Fuseholders
Specifications
Electrical: Use with MIDI® Fuses from 30 to 200 amps
Part No.: 498900 Series
Body: Glass Filled Thermoplastic
Body Color: Black
Cover with Tether: Glass Filled Thermoplastic
Cover Color: Black
Ambient Temp.: -40˚C to +125˚C
Fuse Mounting: M5 Threaded Stud and Hex Nuts
Cover Opening Positions: Location Optional - 6 total
Side Stackable Feature
Holder Mounting Dimensions: Available with or without mounting tabs
*Holder Part No. w/cover dependent on part locations/patterns.


Similar Part No. - 02982001Z

ManufacturerPart #DatasheetDescription
logo
Littelfuse
02982001 LITTELFUSE-02982001 Datasheet
52Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
More results

Similar Description - 02982001Z

ManufacturerPart #DatasheetDescription
logo
Littelfuse
519 LITTELFUSE-519 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
647 LITTELFUSE-647 Datasheet
91Kb / 1P
MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
logo
Dubilier
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
Elektron Components Ltd...
FX0430 BULGIN-FX0430 Datasheet
1Mb / 18P
FUSEHOLDERS
logo
Littelfuse
1520007Z LITTELFUSE-1520007Z Datasheet
89Kb / 1P
Fuseholders
153002 LITTELFUSE-153002 Datasheet
191Kb / 2P
FUSEHOLDERS
04450715H LITTELFUSE-04450715H Datasheet
64Kb / 1P
Fuseholders
03450101HX010 LITTELFUSE-03450101HX010 Datasheet
204Kb / 3P
Fuseholders
logo
Cooper Bussmann, Inc.
HHX COOPER-HHX Datasheet
59Kb / 1P
Fuseholders
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com